Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-772L Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-772L
Description  3.3V/5V High Speed CMOS Optocoupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-772L Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-772L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-772L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-772L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-772L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-772L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-772L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-772L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-772L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-772L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Ordering Information
ACPL-072L and ACPL-772L are UL Recognized with 3750 Vrms for 1 minute per UL1577.
Part
number
Option
Package
Surface
Mount
Gull
Wing
Tape
& Reel
UL 5000
Vrms/ 1
Minute
rating
IEC/EN/DIN
EN 60747-
5-2
Quantity
RoHS
Compliant
Non RoHS
Compliant
ACPL-772L
-000E
-
300mil
DIP-8
50 per tube
-300E
-
X
X
50 per tube
-500E
-
X
X
X
1000 per reel
-020E
-
X
50 per tube
-320E
-
X
X
X
50 per tube
-520E
-
X
X
X
X
1000 per reel
-060E
-
X
50 per tube
-360E
-
X
X
X
50 per tube
-560E
-
X
X
X
X
1000 per reel
ACPL-072L
-000E
No option
SO-8
X
100 per tube
-500E
-500
X
X
1500 per reel
-060E
-060
X
X
100 per tube
-560E
-560
X
X
X
1500 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACPL-772L-560E to order product of Gull Wing Surface Mount package in Tape and Reel packaging with IEC/EN/DIN
EN 60747-5-2 Safety Approval in RoHS compliant.
Example 2:
ACPL-072L to order product of Small Outline SO-8 package in tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Device Selection Guide
8-Pin DIP
(300 Mil)
Small Outline
SO-8
ACPL-772L
ACPL-072L



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com