Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-0738 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-0738 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-0738
Download  HCPL-0738 Download
File Size   192.93 Kbytes
Page   2 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Speed CMOS Optocoupler

HCPL-0738 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-0738 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0738
Download  HCPL-0738 Click to download

File Size   192.93 Kbytes
Page   2 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Speed CMOS Optocoupler

HCPL-0738 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-0738 Product details

Description
The HCPL-0738 is a dual-channel 15 MBd CMOS optocoupler in SOIC-8 package. The HCPL-0738 optocoupler utilizes the latest CMOS IC technology to achieve out-standing performance with very low power consumption. Basic building blocks of HCPL-0738 are high speed LEDs and CMOS detector ICs. Avago also offers the same performance in the single channel version, HCPL-0708. Each detector incorporates an integrated photodiode, a high speed transimpedance amplifier, and a voltage comparator with an output driver.

Features
• 15 ns typical pulse width distortion
• 40 ns maximum propagation delay skew
• 20 ns typical propagation delay
• High speed: 15 MBd
• + 5 V CMOS compatibility
• 10 kV/µS minimum common mode rejection
• –40 to 100˚C temperature range
• Safety and regulatory approvals
    – UL recognized (3750 V rms for 1 minute per UL 1577)
    – CSA component acceptance notice #5.
    – IEC/EN/DIN EN 60747-5-2 approved for HCPL-0738 Option 060

Applications
• PDP (plasma display panel)
• Digital field bus isolation: DeviceNet, SDS, Profibus
• Multiplexed data transmission
• Computer peripheral interface
• Microprocessor system interface
• DC/DC converter




Similar Part No. - HCPL-0738

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0738 HP-HCPL-0738 Datasheet
207Kb / 8P
High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0738 AVAGO-HCPL-0738 Datasheet
217Kb / 8P
High Speed CMOS Optocoupler
HCPL-0738-000E AVAGO-HCPL-0738-000E Datasheet
167Kb / 8P
High Speed CMOS Optocoupler
HCPL-0738-060E AVAGO-HCPL-0738-060E Datasheet
167Kb / 8P
High Speed CMOS Optocoupler
HCPL-0738-500E AVAGO-HCPL-0738-500E Datasheet
217Kb / 8P
High Speed CMOS Optocoupler
More results


Similar Description - HCPL-0738

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6315 SIEMENS-SFH6315 Datasheet
69Kb / 4P
HIGH SPEED OPTOCOUPLER
SFH6315T SIEMENS-SFH6315T Datasheet
48Kb / 4P
HIGH SPEED OPTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL0708 HP-HCPL0708 Datasheet
264Kb / 10P
High Speed CMOS Optocoupler
HCPL0738 HP-HCPL0738 Datasheet
207Kb / 8P
High Speed CMOS Optocoupler
logo
Sensitron
SHD-4134-XXX SENSITRON-SHD-4134-XXX Datasheet
85Kb / 4P
High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
3.3V/5V High Speed CMOS Optocoupler
HCPL-0708-560E AVAGO-HCPL-0708-560E Datasheet
179Kb / 12P
High Speed CMOS Optocoupler
HCPL-0738-500E AVAGO-HCPL-0738-500E Datasheet
217Kb / 8P
High Speed CMOS Optocoupler
HCPL-0738-000E AVAGO-HCPL-0738-000E Datasheet
167Kb / 8P
High Speed CMOS Optocoupler
ACPL-772L AVAGO-ACPL-772L Datasheet
313Kb / 11P
3.3V/5V High Speed CMOS Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com