Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-0738 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0738
Description  High Speed CMOS Optocoupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0738 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0738 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0738 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries.
Data subject to change. Copyright © 2008 Avago Technologies Limited. All rights reserved.
5988-5848EN - February 14, 2008
Product Positioning
The figure below shows how the HCPL-0738 is positioned in our existing line of high-speed optocouplers.
HCPL-0738 Product Specifications
BVR for LED
5V
Operating Temperature Range
-40 to +100°C
TPHL
60 ns max
TPLH
60 ns max
PWD
25 ns max
|CMH|
10 kV/µs min
@ VCM = 1 kV
|CMI|
10 kV/µs min
@ VCM = 1 kV
Insulation
2500 Vrms 1 min
Product Positioning
The figure below shows how the HCPL-0738 is positioned in our existing line of
high-speed optocouplers.
2300
Open Collector
260X
Open collector
240x
Totem Pole
77XX
CMOS
Buffer Input
Low PWD
263X
Open Collector
060X
Open Collector
063X
Open Collector
243x
Totem Pole
0720/21
CMOS
Buffer Input
Low PWD
0708
CMOS
Data Rate
Packages
DIP
Single
DIP
Dual
SO8
Single
SO8
Dual
8MB
10MB
15MB
25MB
5MB
223X
Totem Pole
020X
Totem Pole
220X
Totem Pole
063L
Open Collector
060L
O pen Collector
263L
O pen Collector
260L
Open Collector
NEW
0738
CMOS
NEW
HCPL-0738 Product Specifications
BVR for LED
5 V
Operating Temperature Range
-40 to +100
°C
TPHL
60 ns max
TPLH
60 ns max
PWD
25 ns max
|CMH|
10 kV/
µs min @ VCM = 1 kV
|CMI|
10 kV/
µs min @ VCM = 1 kV
Insulation
2500 Vrms 1 min
For product information and a complete list of Agilent
contacts and distributors, please go to our web site.
www.agilent.com/semiconductors
E-mail: SemiconductorSupport@agilent.com
Data subject to change.
Copyright © 2002 Agilent Technologies, Inc.
March 1, 2002
5988-5848EN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com