Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV1S9207A Datasheet (PDF) - Renesas Technology Corp

RV1S9207A Datasheet PDF - Renesas Technology Corp
Part # RV1S9207A
Download  RV1S9207A Download
File Size   1290.23 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE,

RV1S9207A Datasheet (PDF)

Go To PDF Page Download Datasheet
RV1S9207A Datasheet PDF - Renesas Technology Corp

Part # RV1S9207A
Download  RV1S9207A Click to download

File Size   1290.23 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE,

RV1S9207A Datasheet (HTML) - Renesas Technology Corp


RV1S9207A Product details

DESCRIPTION
The RV1S9207A is an optical coupled isolator containing an AlGaAs LED on the input side and a photo
diode, a signal processing circuit and power output MOS FETs on the output side on one chip.
The RV1S9207A is designed specifically for high common mode transient immunity (CMR) and high
switching speed. It is suitable for driving IGBTs and MOS FETs.
FEATURES
 Small and long creepage (8.2 mm MIN, LSSO5)
 Peak output current (0.6 A MAX., 0.4 A MIN.)
 High speed switching (tPLH, tPHL = 150 ns MAX.)
 High common mode transient immunity (CMH, CML = ± 50 kV/µs MIN.)
 Operating Ambient Temperature (125 °C MAX.)
 High isolation voltage (BV = 5 000 Vr.m.s.)
 Embossed tape product:RV1S9207ACCSP-10Yx#KC0 : 3 500 pcs/reel
 Pb-Free product
 Safety standard
• UL :UL1577, Double protection
• CSA :CAN/CSA-C22.2 No.62368-1, Reinforced insulation
• VDE :DIN EN 60747-5-5 (Option)




Similar Part No. - RV1S9207A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RV1S9207A RENESAS-RV1S9207A Datasheet
503Kb / 18P
0.6 A OUTPUT CURRENT, HIGH CMTI, IGBT GATE DRIVE, 5-PIN SSOP (LSSO5) PHOTOCOUPLER
REV 2.00 Jun. 06, 2025
RV1S9207ACCSP-10YC RENESAS-RV1S9207ACCSP-10YC Datasheet
503Kb / 18P
0.6 A OUTPUT CURRENT, HIGH CMTI, IGBT GATE DRIVE, 5-PIN SSOP (LSSO5) PHOTOCOUPLER
REV 2.00 Jun. 06, 2025
RV1S9207ACCSP-10YC#KC0 RENESAS-RV1S9207ACCSP-10YC#KC0 Datasheet
503Kb / 18P
0.6 A OUTPUT CURRENT, HIGH CMTI, IGBT GATE DRIVE, 5-PIN SSOP (LSSO5) PHOTOCOUPLER
REV 2.00 Jun. 06, 2025
RV1S9207ACCSP-10YC#SC0 RENESAS-RV1S9207ACCSP-10YC#SC0 Datasheet
503Kb / 18P
0.6 A OUTPUT CURRENT, HIGH CMTI, IGBT GATE DRIVE, 5-PIN SSOP (LSSO5) PHOTOCOUPLER
REV 2.00 Jun. 06, 2025
RV1S9207ACCSP-10YV RENESAS-RV1S9207ACCSP-10YV Datasheet
503Kb / 18P
0.6 A OUTPUT CURRENT, HIGH CMTI, IGBT GATE DRIVE, 5-PIN SSOP (LSSO5) PHOTOCOUPLER
REV 2.00 Jun. 06, 2025
More results


Similar Description - RV1S9207A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9306L RENESAS-PS9306L Datasheet
330Kb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L RENESAS-PS9307L Datasheet
288Kb / 14P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9506 RENESAS-PS9506 Datasheet
344Kb / 22P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9306L CEL-PS9306L Datasheet
3Mb / 20P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9506 CEL-PS9506 Datasheet
3Mb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9307L CEL-PS9307L Datasheet
1Mb / 6P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307AL CEL-PS9307AL Datasheet
2Mb / 12P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9306L_15 RENESAS-PS9306L_15_15 Datasheet
322Kb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L RENESAS-PS9306L_15 Datasheet
322Kb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307AL RENESAS-PS9307AL Datasheet
249Kb / 20P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
Dec 16, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com