Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV1S9231A Datasheet (PDF) - Renesas Technology Corp

RV1S9231A Datasheet PDF - Renesas Technology Corp
Part # RV1S9231A
Download  RV1S9231A Download
File Size   5531.88 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE,

RV1S9231A Datasheet (PDF)

Go To PDF Page Download Datasheet
RV1S9231A Datasheet PDF - Renesas Technology Corp

Part # RV1S9231A
Download  RV1S9231A Click to download

File Size   5531.88 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE,

RV1S9231A Datasheet (HTML) - Renesas Technology Corp


RV1S9231A Product details

DESCRIPTION
The RV1S9231A is an optically coupled isolator containing an AlGaAs LED on the input side and a
photodiode, a signal processing circuit and power MOSFETs on the output side on one chip.
The RV1S9231A is designed specifically for high common mode transient immunity (CMR) and high
switching speed. It is suitable for driving IGBTs.
FEATURES
 Small and long creepage (8.2 mm, LSSO5)
 Large peak output current (2.5 A MAX., 2.0 A MIN.)
 High speed switching (tPLH, tPHL = 175 ns MAX.)
 UVLO (Under Voltage Lock Out) protection with hysteresis
 High common mode transient immunity (CMH, CML =  50 kV/s MIN.)
 Operating Ambient Temperature (125 C MAX.)
 High isolation voltage (BV = 5 000 Vr.m.s.)
 Embossed tape product:RV1S9231ACCSP-10Yx#KC0 : 3 500 pcs/reel
 Pb-Free product
 Safety standard
• UL :UL1577, Double protection
• CSA :CAN/CSA-C22.2 No.62368-1, Reinforced insulation
• VDE :DIN EN 60747-5-5 (Option)




Similar Part No. - RV1S9231A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RV1S9231A RENESAS-RV1S9231A Datasheet
508Kb / 19P
2.5 A OUTPUT CURRENT, HIGH CMTI, IGBT GATE DRIVE, 5-PIN SSOP WITH 8.2mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
Oct. 02, 2025
RV1S9231ACCSP-10YC RENESAS-RV1S9231ACCSP-10YC Datasheet
508Kb / 19P
2.5 A OUTPUT CURRENT, HIGH CMTI, IGBT GATE DRIVE, 5-PIN SSOP WITH 8.2mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
Oct. 02, 2025
RV1S9231ACCSP-10YC#KC0 RENESAS-RV1S9231ACCSP-10YC#KC0 Datasheet
508Kb / 19P
2.5 A OUTPUT CURRENT, HIGH CMTI, IGBT GATE DRIVE, 5-PIN SSOP WITH 8.2mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
Oct. 02, 2025
RV1S9231ACCSP-10YC#SC0 RENESAS-RV1S9231ACCSP-10YC#SC0 Datasheet
508Kb / 19P
2.5 A OUTPUT CURRENT, HIGH CMTI, IGBT GATE DRIVE, 5-PIN SSOP WITH 8.2mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
Oct. 02, 2025
RV1S9231ACCSP-10YV RENESAS-RV1S9231ACCSP-10YV Datasheet
508Kb / 19P
2.5 A OUTPUT CURRENT, HIGH CMTI, IGBT GATE DRIVE, 5-PIN SSOP WITH 8.2mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
Oct. 02, 2025
More results


Similar Description - RV1S9231A

ManufacturerPart #DatasheetDescription
logo
NEC
PS9302L NEC-PS9302L Datasheet
182Kb / 19P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9305L RENESAS-PS9305L Datasheet
305Kb / 21P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9305L CEL-PS9305L Datasheet
267Kb / 20P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
PS9331L CEL-PS9331L Datasheet
2Mb / 12P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9331L RENESAS-PS9331L_15 Datasheet
360Kb / 20P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9905 RENESAS-PS9905_15 Datasheet
322Kb / 20P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN LSDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9031 RENESAS-PS9031 Datasheet
891Kb / 19P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE
RV1S9207A RENESAS-RV1S9207A Datasheet
1Mb / 19P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE,
Mar 29,2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com