Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECT Datasheet (PDF) - Renesas Technology Corp

SC14WAMDECT Datasheet PDF - Renesas Technology Corp
Part # SC14WAMDECT
Download  SC14WAMDECT Download
File Size   834.09 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wireless Audio Module FINAL

SC14WAMDECT Datasheet (PDF)

Go To PDF Page Download Datasheet
SC14WAMDECT Datasheet PDF - Renesas Technology Corp

Part # SC14WAMDECT
Download  SC14WAMDECT Click to download

File Size   834.09 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wireless Audio Module FINAL

SC14WAMDECT Datasheet (HTML) - Renesas Technology Corp


SC14WAMDECT Product details

General description
The SC14WAMDECT SF is a Cordless Audio Module
with an integrated baseband, radio transceiver, power
amplifier and crystal to be used in cordless microphone
applications in the DECT frequency band. This module
is intended for users with little or no DECT experience,
who wish to make a wireless audio system.
The module can be configured for various audio applications. A Public Address System has two portable
parts (PP) with two microphones and one fixed part
(FP) configured as a receiver and integrated into a
loudspeaker. Another application is a Tour Guide System where one a microphone (FP) broadcasts to up to
128 receivers (PP) with an integrated loudspeaker or a
headset connected. The SC14WAMDECT SF module
is suitable for both FP and PP usage: a hardware pin
selects the function of the module.
The SC14WAMDECT SF module is pre-approved for
use in all countries that use the DECT frequency band,
as well as the DECT 6.0 frequency band used in North
America.
Features
 Pre-programmed and ready-to-use module
 Antenna embedded, support for external antennas
 High quality audio sampled at 25.6 kHz
 Latency: 14.2 ms (PA mode), 18.3 ms (TG mode)
 UART data transfer (up to 1 kbit/s) in TG mode
 Access code for secure registration in TG mode
 ETSI (DECT) and FCC (DECT 6.0) certified
 Japan DECT (J-DECT) pre-certified
 Supports 1.9 GHz and 1.7 GHz DECT bands
 Receiver sensitivity < -93 dBm
 Transmit power EU: 23 dBm, USA: 20 dBm,
JPN: 20 dBm
 Power supply voltage: 2.1 V to 3.45 V
 Supports NiMH and Alkaline batteries
 Small form factor (19.6 mm x 18.0 mm x 2.7 mm)
 Operating temperature range: -40 °C to +85 °C




Similar Part No. - SC14WAMDECT

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SC14WAMDECT DIALOG-SC14WAMDECT Datasheet
600Kb / 36P
Wireless Audio Module
SC14WAMDECT-SF DIALOG-SC14WAMDECT-SF Datasheet
600Kb / 36P
Wireless Audio Module
SC14WAMDECTSF DIALOG-SC14WAMDECTSF Datasheet
600Kb / 36P
Wireless Audio Module
logo
Renesas Technology Corp
SC14WAMDECTSF RENESAS-SC14WAMDECTSF Datasheet
799Kb / 37P
Wireless Audio Module
05-Jan-2022
logo
Dialog Semiconductor
SC14WAMDECTSF01T DIALOG-SC14WAMDECTSF01T Datasheet
600Kb / 36P
Wireless Audio Module
More results


Similar Description - SC14WAMDECT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9410 SANYO-LA9410 Datasheet
104Kb / 4P
Final Audio Output IC for LD Players
logo
Rohm
BH1414K ROHM-BH1414K Datasheet
50Kb / 4P
Wireless Audio Link IC
logo
SHENZHEN KYL COMMUNICAT...
KYL-600L KYL-KYL-600L_1 Datasheet
209Kb / 5P
Wireless audio Module User Manual
logo
List of Unclassifed Man...
RWS-AUDIO24 ETC2-RWS-AUDIO24 Datasheet
275Kb / 4P
High Efficiency Digital Wireless Audio Receiver Module
TWS-AUDIO24 ETC2-TWS-AUDIO24 Datasheet
681Kb / 4P
High Efficiency Digital Wireless Audio Transmitter Module
WS-AUDIO24-0005-TX ETC2-WS-AUDIO24-0005-TX Datasheet
1Mb / 24P
Wireless Audio core Module
logo
Dialog Semiconductor
SC14WAMDECT-SF DIALOG-SC14WAMDECT-SF Datasheet
600Kb / 36P
Wireless Audio Module
logo
Murata Manufacturing Co...
WLS1273L MURATA-WLS1273L Datasheet
355Kb / 2P
Wireless Module
logo
Dialog Semiconductor
SC14WAMDECT DIALOG-SC14WAMDECT Datasheet
600Kb / 36P
Wireless Audio Module
logo
PHOENIX CONTACT
2901540 PHOENIX-2901540 Datasheet
208Kb / 18P
Wireless module
09/12/2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com