Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECT Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # SC14WAMDECT
Description  Wireless Audio Module FINAL
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SC14WAMDECT Datasheet(HTML) 1 Page - Renesas Technology Corp

  SC14WAMDECT Datasheet HTML 1Page - Renesas Technology Corp SC14WAMDECT Datasheet HTML 2Page - Renesas Technology Corp SC14WAMDECT Datasheet HTML 3Page - Renesas Technology Corp SC14WAMDECT Datasheet HTML 4Page - Renesas Technology Corp SC14WAMDECT Datasheet HTML 5Page - Renesas Technology Corp SC14WAMDECT Datasheet HTML 6Page - Renesas Technology Corp SC14WAMDECT Datasheet HTML 7Page - Renesas Technology Corp SC14WAMDECT Datasheet HTML 8Page - Renesas Technology Corp SC14WAMDECT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Datasheet
Revision 3.1
05-Jan-2022
CFR0011-120-00-FM Rev 5
1 of 36
© 2022 Renesas Electronics
SC14WAMDECT SF
Wireless Audio Module
FINAL
General description
The SC14WAMDECT SF is a Cordless Audio Module
with an integrated baseband, radio transceiver, power
amplifier and crystal to be used in cordless microphone
applications in the DECT frequency band. This module
is intended for users with little or no DECT experience,
who wish to make a wireless audio system.
The module can be configured for various audio appli-
cations. A Public Address System has two portable
parts (PP) with two microphones and one fixed part
(FP) configured as a receiver and integrated into a
loudspeaker. Another application is a Tour Guide Sys-
tem where one a microphone (FP) broadcasts to up to
128 receivers (PP) with an integrated loudspeaker or a
headset connected. The SC14WAMDECT SF module
is suitable for both FP and PP usage: a hardware pin
selects the function of the module.
The SC14WAMDECT SF module is pre-approved for
use in all countries that use the DECT frequency band,
as well as the DECT 6.0 frequency band used in North
America.
Features
Pre-programmed and ready-to-use module
Antenna embedded, support for external antennas
High quality audio sampled at 25.6 kHz
Latency: 14.2 ms (PA mode), 18.3 ms (TG mode)
UART data transfer (up to 1 kbit/s) in TG mode
Access code for secure registration in TG mode
ETSI (DECT) and FCC (DECT 6.0) certified
Japan DECT (J-DECT) pre-certified
Supports 1.9 GHz and 1.7 GHz DECT bands
Receiver sensitivity < -93 dBm
Transmit power EU: 23 dBm, USA: 20 dBm,
JPN: 20 dBm
Power supply voltage: 2.1 V to 3.45 V
Supports NiMH and Alkaline batteries
Small form factor (19.6 mm x 18.0 mm x 2.7 mm)
Operating temperature range: -40 °C to +85 °C
Applications
Public Address System with one or two microphones
(transmitter) and one loudspeaker (receiver)
Tour Guide System with one microphone (transmit-
ter) and up to 128 headsets (receiver)
________________________________________________________________________________________________
System diagram
PP
FP
PP
PP
1 or 2 transmitters
Public Address System
PP
PP
1 to 128 receivers
Tour Guide System
FP
Receiver
Transmitter


Similar Part No. - SC14WAMDECT

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SC14WAMDECT DIALOG-SC14WAMDECT Datasheet
600Kb / 36P
Wireless Audio Module
SC14WAMDECT-SF DIALOG-SC14WAMDECT-SF Datasheet
600Kb / 36P
Wireless Audio Module
SC14WAMDECTSF DIALOG-SC14WAMDECTSF Datasheet
600Kb / 36P
Wireless Audio Module
logo
Renesas Technology Corp
SC14WAMDECTSF RENESAS-SC14WAMDECTSF Datasheet
799Kb / 37P
Wireless Audio Module
05-Jan-2022
logo
Dialog Semiconductor
SC14WAMDECTSF01T DIALOG-SC14WAMDECTSF01T Datasheet
600Kb / 36P
Wireless Audio Module
More results

Similar Description - SC14WAMDECT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9410 SANYO-LA9410 Datasheet
104Kb / 4P
Final Audio Output IC for LD Players
logo
Rohm
BH1414K ROHM-BH1414K Datasheet
50Kb / 4P
Wireless Audio Link IC
logo
SHENZHEN KYL COMMUNICAT...
KYL-600L KYL-KYL-600L_1 Datasheet
209Kb / 5P
Wireless audio Module User Manual
logo
List of Unclassifed Man...
RWS-AUDIO24 ETC2-RWS-AUDIO24 Datasheet
275Kb / 4P
High Efficiency Digital Wireless Audio Receiver Module
TWS-AUDIO24 ETC2-TWS-AUDIO24 Datasheet
681Kb / 4P
High Efficiency Digital Wireless Audio Transmitter Module
WS-AUDIO24-0005-TX ETC2-WS-AUDIO24-0005-TX Datasheet
1Mb / 24P
Wireless Audio core Module
logo
Dialog Semiconductor
SC14WAMDECT-SF DIALOG-SC14WAMDECT-SF Datasheet
600Kb / 36P
Wireless Audio Module
logo
Murata Manufacturing Co...
WLS1273L MURATA-WLS1273L Datasheet
355Kb / 2P
Wireless Module
logo
Dialog Semiconductor
SC14WAMDECT DIALOG-SC14WAMDECT Datasheet
600Kb / 36P
Wireless Audio Module
logo
PHOENIX CONTACT
2901540 PHOENIX-2901540 Datasheet
208Kb / 18P
Wireless module
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com