Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14WAMDECT Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # SC14WAMDECT
Description  Wireless Audio Module FINAL
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SC14WAMDECT Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button SC14WAMDECT Datasheet HTML 13Page - Renesas Technology Corp SC14WAMDECT Datasheet HTML 14Page - Renesas Technology Corp SC14WAMDECT Datasheet HTML 15Page - Renesas Technology Corp SC14WAMDECT Datasheet HTML 16Page - Renesas Technology Corp SC14WAMDECT Datasheet HTML 17Page - Renesas Technology Corp SC14WAMDECT Datasheet HTML 18Page - Renesas Technology Corp SC14WAMDECT Datasheet HTML 19Page - Renesas Technology Corp SC14WAMDECT Datasheet HTML 20Page - Renesas Technology Corp SC14WAMDECT Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Datasheet
Revision 3.1
05-Jan-2022
CFR0011-120-00-FM Rev 5
17 of 36
© 2022 Renesas Electronics
SC14WAMDECT SF
Wireless Audio Module
FINAL
6.3 OPERATING CONDITIONS
Note 9: Within the specified limits, a life time of 10 years is guaranteed.
Note 10: Within this temperature range full operation is guaranteed.
6.4 SUPPLY CURRENTS
The supply currents in Table 12 and Table 13 have
been measured using a DC voltmeter across a 0.22
series resistor between the positive battery terminal
and pin VBATIN.
Table 11: Operating Conditions (Note 9)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Vbat
Supply voltage on pin VBATIN
2.1
3.45
V
Vpon
Voltage on pin PON
5.5
V
Vdig_bp
Voltage on digital pins with back drive
protection; UART_RX
3.45
V
Vdig
Voltage on other digital pins
VDD = 1.8 V
1.98
V
Vana
Voltage on analog pins
VDD = 1.8 V
2.1
V
Icharge
Current through pin CHG_DET
Rseries >
(Vcharge-3 V)/
10 mA
10
mA
Iout_vrefp
Output current through pin VREFp
1mA
TA
Ambient temperature
(Note 10)
-40
+85
°C
Table 12: Supply currents: Public Address mode
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Ibat_PA_stby
Standby supply current
(PA mode)
FP (RX); LPM; Vbat = 2.6 V
95
mA
FP (RX); HPM; Vbat = 2.6 V
114
mA
FP (RX); HPM/U; Vbat = 2.6 V
96
mA
PP (TX); Vbat = 2.6 V
45
mA
Ibat_PA_talk
Talk mode supply current
(PA mode)
FP (RX); LPM; 1 PP (TX);
Vbat = 2.6 V
132
mA
FP (RX); HPM; 1 PP (TX);
Vbat = 2.6 V
151
mA
FP (RX); HPM/U; 1 PP (TX);
Vbat = 2.6 V
134
mA
FP (RX); LPM; 2 PPs (TX);
Vbat = 2.6 V
155
mA
FP (RX); HPM; 2 PPs (TX);
Vbat = 2.6 V
191
mA
FP (RX); HPM/U; 2 PPs (TX);
Vbat = 2.6 V
168
mA
PP (TX); LPM; Vbat = 2.6 V
120
mA
PP (TX); HPM; Vbat = 2.6 V
174
mA
PP (TX); HPM/U; Vbat = 2.6 V
143
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com