Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DR Datasheet (PDF) - STMicroelectronics

M95M02-DR Datasheet PDF - STMicroelectronics
Part # M95M02-DR
Download  M95M02-DR Download
File Size   952.28 Kbytes
Page   45 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2-Mbit serial SPI bus EEPROM

M95M02-DR Datasheet (PDF)

Go To PDF Page Download Datasheet
M95M02-DR Datasheet PDF - STMicroelectronics

Part # M95M02-DR
Download  M95M02-DR Click to download

File Size   952.28 Kbytes
Page   45 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2-Mbit serial SPI bus EEPROM

M95M02-DR Datasheet (HTML) - STMicroelectronics


M95M02-DR Product details

Features
Compatible with the serial peripheral interface (SPI) bus
Memory array
• 2 Mbits (256 Kbytes) of EEPROM
• Page size: 256 bytes
• Write protection by block: ¼, ½, or whole memory
• Additional write lockable page (identification page)
Write
• Byte write within 10 ms
• Page write within 10 ms
Clock frequency: 5 MHz
Single supply voltage
• 1.7 to 5.5 V over -20 °C to +85 °C
• 1.8 to 5.5 V over -40 °C to +85 °C
Operating temperature range
• From -40 °C up to +85 °C
Enhanced ESD protection
More than 4 million write cycles
More than 200-year data retention
Packages
• ECOPACK2 (RoHS compliant and halogen-free ) packages:
– SO8N
– WLCSP8

Description
The M95M02 devices are electrically erasable programmable memory (EEPROM) organized as 262144 x 8 bits,
accessed through the SPI bus.
Over an ambient temperature range of -40 °C / +85 °C the M95M02-DR can operate with a supply voltage from
1.8 to 5.5 V. Over an ambient temperature range of -20 °C / +85 °C the M95M02-DF can operate with a supply
voltage from 1.7 to 5.5 V.
The M95M02 devices offer an additional page, named the Identification page (256 bytes). The Identification page
can be used to store sensitive application parameters that can be (later) permanently locked in read-only mode.




Similar Part No. - M95M02-DR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95M02-DR STMICROELECTRONICS-M95M02-DR Datasheet
804Kb / 45P
2-Mbit serial SPI bus EEPROM
June 2015 Rev 10
M95M02-DRMN6TP STMICROELECTRONICS-M95M02-DRMN6TP Datasheet
1Mb / 41P
2-Mbit serial SPI bus EEPROM
13-Mar-2013
More results


Similar Description - M95M02-DR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024 Datasheet
591Kb / 30P
1 Mbit SPI Bus Serial EEPROM
2007
25AA1024 MICROCHIP-25AA1024_10 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25AA1024_1005 MICROCHIP-25AA1024_1005 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25LC1024-ESM MICROCHIP-25LC1024-ESM Datasheet
705Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95M02-DRMN6TP STMICROELECTRONICS-M95M02-DRMN6TP Datasheet
1Mb / 41P
2-Mbit serial SPI bus EEPROM
13-Mar-2013
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024_15 Datasheet
496Kb / 36P
1 Mbit SPI Bus Serial EEPROM
01/27/15
logo
STMicroelectronics
M95M02-A125 STMICROELECTRONICS-M95M02-A125 Datasheet
712Kb / 39P
Automotive 2 Mbit serial SPI bus EEPROM
July 2015 Rev 5
M95M02-DR STMICROELECTRONICS-M95M02-DR Datasheet
804Kb / 45P
2-Mbit serial SPI bus EEPROM
June 2015 Rev 10
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
1-Mbit serial SPI bus EEPROM
21-Feb-2017
M95M04-DR STMICROELECTRONICS-M95M04-DR Datasheet
843Kb / 46P
4-Mbit serial SPI bus EEPROM
October 2019 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com