Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA683 Datasheet (PDF) - NXP Semiconductors

BA683 Datasheet PDF - NXP Semiconductors
Part # BA683
Download  BA683 Download
File Size   31.05 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Band-switching diodes

BA683 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA683 Datasheet PDF - NXP Semiconductors

Part # BA683
Download  BA683 Click to download

File Size   31.05 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Band-switching diodes

BA683 Datasheet (HTML) - NXP Semiconductors


BA683 Product details

DESCRIPTION
Planar high performance band-switching diodes in a glass SOD80 SMD package.

FEATURES
• Continuous reverse voltage: max. 35 V
• Continuous forward current: max. 100 mA
• Low diode capacitance: max. 1.5 pF
• Low diode forward resistance: max. 0.7 to 1.2 Ω.

APPLICATION
• Band-switching in VHF television tuners.




Similar Part No. - BA683

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA683 VISHAY-BA683 Datasheet
46Kb / 3P
Silicon Planar Diodes
16-Mar-06
logo
Semtech Corporation
BA683 SEMTECH-BA683 Datasheet
94Kb / 2P
Silicon Epitaxial Planar Diode Switches?
logo
Siemens Semiconductor G...
BA683 SIEMENS-BA683 Datasheet
52Kb / 3P
SILICON PIN DIODES
logo
Guangdong Kexin Industr...
BA683 KEXIN-BA683 Datasheet
32Kb / 1P
Band-switching diodes
logo
Vishay Siliconix
BA683 VISHAY-BA683 Datasheet
62Kb / 3P
Band Switching Diodes
16-Jul-10
More results


Similar Description - BA683

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2C856 PANASONIC-MA2C856 Datasheet
42Kb / 2P
Band Switching Diodes
logo
Vishay Siliconix
BA282 VISHAY-BA282_08 Datasheet
114Kb / 4P
Band Switching Diodes
05-Dec-07
logo
Guangdong Kexin Industr...
BA682 KEXIN-BA682 Datasheet
32Kb / 1P
Band-switching diodes
logo
Vishay Siliconix
BA682 VISHAY-BA682_10 Datasheet
62Kb / 3P
Band Switching Diodes
16-Jul-10
BA782S-V VISHAY-BA782S-V Datasheet
66Kb / 3P
Band Switching Diodes
05-Aug-10
BA682-GS08 VISHAY-BA682-GS08 Datasheet
82Kb / 5P
Band Switching Diodes
16-Mar-06
logo
Rohm
1SS356 ROHM-1SS356_17 Datasheet
1Mb / 8P
Band Switching Diodes
DAN235UFH ROHM-DAN235UFH Datasheet
1Mb / 8P
Band Switching Diodes
DAP236U ROHM-DAP236U_17 Datasheet
1Mb / 8P
Band Switching Diodes
1SS390SM ROHM-1SS390SM Datasheet
1Mb / 8P
Band Switching Diodes
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com