Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2809B Datasheet (PDF) - Bel Fuse Inc.

2809B Datasheet PDF - Bel Fuse Inc.
Part # 2809B
Download  2809B Download
File Size   28.91 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description ISDN MAGNETICS Global U Interface Transformer

2809B Datasheet (PDF)

Go To PDF Page Download Datasheet
2809B Datasheet PDF - Bel Fuse Inc.

Part # 2809B
Download  2809B Click to download

File Size   28.91 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description ISDN MAGNETICS Global U Interface Transformer

2809B Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - 2809B

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2809 EMCORE-2809 Datasheet
321Kb / 2P
77 Channel LDS CATV Optical Receiver
logo
Heyco.
2809 HEYCO-2809 Datasheet
102Kb / 1P
Shorty Bushings
logo
ASSUN MOTOR Pte Ltd.
2809 ASSUN-2809 Datasheet
253Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
logo
Abbatron All Rights Res...
2809 ABBATRON-2809 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Belden Inc.
28090A BELDEN-28090A Datasheet
211Kb / 2P
TC VN/PVC, 12 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
More results


Similar Description - 2809B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2754G2 BEL-2754G2 Datasheet
29Kb / 2P
ISDN MAGNETICS U Interface Transformers
2754H2 BEL-2754H2 Datasheet
29Kb / 2P
ISDN MAGNETICS U Interface Transformers
2771J BEL-2771J Datasheet
29Kb / 2P
ISDN MAGNETICS UPO Interface Transformer
2805A BEL-2805A Datasheet
25Kb / 2P
ISDN MAGNETICS UPO Interface Transformer
S559-6204-12 BEL-S559-6204-12 Datasheet
29Kb / 2P
ISDN MAGNETICS UPO Interface Transformer
logo
Rhombus Industries Inc.
T-1238 RHOMBUS-IND-T-1238 Datasheet
21Kb / 1P
ISDN U-INTERFACE TRANSFORMER
4/28/99
T-1269 RHOMBUS-IND-T-1269 Datasheet
30Kb / 1P
ISDN U-Interface Transformer
9/8/99
T-1280 RHOMBUS-IND-T-1280 Datasheet
22Kb / 1P
ISDN U-INTERFACE TRANSFORMER
8/23/99
logo
PCA ELECTRONICS INC.
EPA3415 PCA-EPA3415 Datasheet
55Kb / 1P
ISDN U-Interface Transformer
EPA3488 PCA-EPA3488 Datasheet
17Kb / 1P
ISDN U-Interface Transformer
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com