Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2805A Datasheet (PDF) - Bel Fuse Inc.

2805A Datasheet PDF - Bel Fuse Inc.
Part # 2805A
Download  2805A Download
File Size   25.74 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description ISDN MAGNETICS UPO Interface Transformer

2805A Datasheet (PDF)

Go To PDF Page Download Datasheet
2805A Datasheet PDF - Bel Fuse Inc.

Part # 2805A
Download  2805A Click to download

File Size   25.74 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description ISDN MAGNETICS UPO Interface Transformer

2805A Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - 2805A

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2805 KR-2805 Datasheet
47Kb / 2P
45 MHz lowpass filter
logo
Emcore Corporation
2805 EMCORE-2805 Datasheet
361Kb / 2P
110 Channel CATV Private Network Solution (PNS)
logo
PHOENIX CONTACT
2805025 PHOENIX-2805025 Datasheet
59Kb / 3P
Housing - BNC-DV-LG
09/12/2020
2805038 PHOENIX-2805038 Datasheet
79Kb / 2P
BNC-DV 50
2805041 PHOENIX-2805041 Datasheet
76Kb / 2P
BNC-V 50
More results


Similar Description - 2805A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2809B BEL-2809B Datasheet
28Kb / 2P
ISDN MAGNETICS Global U Interface Transformer
2718BD2 BEL-2718BD2 Datasheet
27Kb / 2P
ISDN MAGNETICS UPO Interface Transformers
2754G2 BEL-2754G2 Datasheet
29Kb / 2P
ISDN MAGNETICS U Interface Transformers
2754H2 BEL-2754H2 Datasheet
29Kb / 2P
ISDN MAGNETICS U Interface Transformers
2768A BEL-2768A Datasheet
29Kb / 2P
ISDN MAGNETICS Dual S Interface Transformer
2771J BEL-2771J Datasheet
29Kb / 2P
ISDN MAGNETICS UPO Interface Transformer
2776A BEL-2776A Datasheet
28Kb / 2P
ISDN MAGNETICS Single S Interface Transformer
S559-6204-12 BEL-S559-6204-12 Datasheet
29Kb / 2P
ISDN MAGNETICS UPO Interface Transformer
S559-6204-22 BEL-S559-6204-22 Datasheet
64Kb / 4P
ISDN MAGNETICS UPO Interface Transformer
logo
E&E Magnetic Products L...
821-01663 EEMAGNETIC-821-01663 Datasheet
54Kb / 3P
TRANSFORMER, Upo INTERFACE, SMT,6 PIN
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com