Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ16VZ-LS Datasheet (PDF) - Nexperia B.V. All rights reserved

MMBZ16VZ-LS Datasheet PDF - Nexperia B.V. All rights reserved
Part # MMBZ16VZ-LS
Download  MMBZ16VZ-LS Download
File Size   225.88 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description TVS device for surge protection of interface and supply lines

MMBZ16VZ-LS Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZ16VZ-LS Datasheet PDF - Nexperia B.V. All rights reserved

Part # MMBZ16VZ-LS
Download  MMBZ16VZ-LS Click to download

File Size   225.88 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description TVS device for surge protection of interface and supply lines

MMBZ16VZ-LS Datasheet (HTML) - Nexperia B.V. All rights reserved


MMBZ16VZ-LS Product details

1. General description
ESD protection device in an ultra small DFN1006BD-2 (SOD882BD) Surface-Mounted Device
(SMD) plastic package with side wettable flanks, designed to protect one line from the damage
caused by transient overvoltages (TVS).

2. Features and benefits
• Reverse stand-off voltage: VRWM = 13 V
• Low clamping voltage: VCL = 36 V at IPP = 7 A
• Ultra low leakage current: IRM < 1 nA

3. Applications
ESD protection for supply and interface lines with high signal levels.
• Industrial
• Consumer
• Computing
• Communication




Similar Part No. - MMBZ16VZ-LS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
MMBZ16VZLS-Q NEXPERIA-MMBZ16VZLS-Q Datasheet
227Kb / 12P
TVS device for surge protection of interface and supply lines
6 January 2022
More results


Similar Description - MMBZ16VZ-LS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
Bidirectional TVS Array for Protection of Eight Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
Bidirectional TVS Array for Protection of Five Lines????
SMDA05-6 SEMTECH-SMDA05-6_06 Datasheet
160Kb / 6P
Unidirectional TVS Array for Protection of Six Lines
SMDA05 SEMTECH-SMDA05_06 Datasheet
163Kb / 7P
Unidirectional TVS Array for Protection of Four Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
Bidirectional TVS Array for Protection of Five Lines
logo
Nexperia B.V. All right...
MMBZ16VZLS-Q NEXPERIA-MMBZ16VZLS-Q Datasheet
227Kb / 12P
TVS device for surge protection of interface and supply lines
6 January 2022
MMBZ27VAT-Q NEXPERIA-MMBZ27VAT-Q Datasheet
209Kb / 10P
TVS device for surge protection of interface and supply lines
5 May 2021
MMBZ27VU-A NEXPERIA-MMBZ27VU-A Datasheet
214Kb / 11P
TVS device for surge protection of interface and supply lines
8 June 2021
MMBZ27VA-T NEXPERIA-MMBZ27VA-T Datasheet
209Kb / 10P
TVS device for surge protection of interface and supply lines
14 April 2023
MMBZ27VUA-Q NEXPERIA-MMBZ27VUA-Q Datasheet
216Kb / 11P
TVS device for surge protection of interface and supply lines
2 June 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com