Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ16VZLS-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

MMBZ16VZLS-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # MMBZ16VZLS-Q
Download  MMBZ16VZLS-Q Download
File Size   227.24 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description TVS device for surge protection of interface and supply lines

MMBZ16VZLS-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZ16VZLS-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # MMBZ16VZLS-Q
Download  MMBZ16VZLS-Q Click to download

File Size   227.24 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description TVS device for surge protection of interface and supply lines

MMBZ16VZLS-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


MMBZ16VZLS-Q Product details

1. General description
ESD protection device in an ultra small DFN1006BD-2 (SOD882BD) Surface-Mounted Device
(SMD) plastic package with side wettable flanks, designed to protect one line from the damage
caused by transient overvoltages (TVS).

2. Features and benefits
• Reverse stand-off voltage: VRWM = 13 V
• Low clamping voltage: VCL = 36 V at IPP = 7 A
• Ultra low leakage current: IRM < 1 nA
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
ESD protection for supply and interface lines with high signal levels for use in automotive
environments with highest quality standards.




Similar Part No. - MMBZ16VZLS-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
MMBZ16VZ-LS NEXPERIA-MMBZ16VZ-LS Datasheet
225Kb / 12P
TVS device for surge protection of interface and supply lines
6 January 2022
More results


Similar Description - MMBZ16VZLS-Q

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
Bidirectional TVS Array for Protection of Eight Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
Bidirectional TVS Array for Protection of Five Lines????
SMDA05-6 SEMTECH-SMDA05-6_06 Datasheet
160Kb / 6P
Unidirectional TVS Array for Protection of Six Lines
SMDA05 SEMTECH-SMDA05_06 Datasheet
163Kb / 7P
Unidirectional TVS Array for Protection of Four Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
Bidirectional TVS Array for Protection of Five Lines
logo
Nexperia B.V. All right...
MMBZ16VZ-LS NEXPERIA-MMBZ16VZ-LS Datasheet
225Kb / 12P
TVS device for surge protection of interface and supply lines
6 January 2022
MMBZ27VAT-Q NEXPERIA-MMBZ27VAT-Q Datasheet
209Kb / 10P
TVS device for surge protection of interface and supply lines
5 May 2021
MMBZ27VU-A NEXPERIA-MMBZ27VU-A Datasheet
214Kb / 11P
TVS device for surge protection of interface and supply lines
8 June 2021
MMBZ27VA-T NEXPERIA-MMBZ27VA-T Datasheet
209Kb / 10P
TVS device for surge protection of interface and supply lines
14 April 2023
MMBZ27VUA-Q NEXPERIA-MMBZ27VUA-Q Datasheet
216Kb / 11P
TVS device for surge protection of interface and supply lines
2 June 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com