Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2793A Datasheet (PDF) - Bel Fuse Inc.

2793A Datasheet PDF - Bel Fuse Inc.
Part # 2793A
Download  2793A Download
File Size   31.03 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description MODEM MAGNETICS European V.34 Modem Transformer

2793A Datasheet (PDF)

Go To PDF Page Download Datasheet
2793A Datasheet PDF - Bel Fuse Inc.

Part # 2793A
Download  2793A Click to download

File Size   31.03 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description MODEM MAGNETICS European V.34 Modem Transformer

2793A Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - 2793A

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2793 KR-2793 Datasheet
50Kb / 2P
diplexer with band 1 from 174 to 240 MHz and band 2 from 88 to 180 MHz
logo
Heyco.
2793 HEYCO-2793 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
Adafruit Industries
2793 ADAFRUIT-2793 Datasheet
572Kb / 2P
RCA (Composite Video, Audio) Female Jack Terminal Block
7-25-17
More results


Similar Description - 2793A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S554-5999-15 BEL-S554-5999-15 Datasheet
26Kb / 2P
CABLE MODEM MAGNETICS Wideband RF Transformer
0574-1000-15 BEL-0574-1000-15 Datasheet
40Kb / 1P
V.34 MODEM TRANSFORMERS
2746B BEL-2746B Datasheet
25Kb / 2P
MODEM MAGNETICS Audio/Voice Frequency Transformer
2778A BEL-2778A Datasheet
36Kb / 2P
MODEM MAGNETICS Global V.90 and V.34 Transformers
2791C BEL-2791C Datasheet
34Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
2796A BEL-2796A Datasheet
42Kb / 2P
MODEM MAGNETICS PCMCIA V.34 Modem Transformers
2802A BEL-2802A Datasheet
38Kb / 2P
MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
S574-1000-18 BEL-S574-1000-18 Datasheet
29Kb / 2P
MODEM MAGNETICS V.90 Modem Surface Mount Transformer
logo
Filtran LTD
6648 FILTRAN-6648 Datasheet
109Kb / 1P
V.90 Modem Transformer
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com