Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2796A Datasheet (PDF) - Bel Fuse Inc.

2796A Datasheet PDF - Bel Fuse Inc.
Part # 2796A
Download  2796A Download
File Size   42.13 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description MODEM MAGNETICS PCMCIA V.34 Modem Transformers

2796A Datasheet (PDF)

Go To PDF Page Download Datasheet
2796A Datasheet PDF - Bel Fuse Inc.

Part # 2796A
Download  2796A Click to download

File Size   42.13 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description MODEM MAGNETICS PCMCIA V.34 Modem Transformers

2796A Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - 2796A

ManufacturerPart #DatasheetDescription
logo
Heyco.
2796 HEYCO-2796 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
KR Electronics, Inc.
2796-SMA KR-2796-SMA Datasheet
65Kb / 2P
10 MHz Bandpass
logo
raaco Great Britain Ltd
279611 RAACO-279611 Datasheet
40Kb / 1P
Product sheet
logo
PHOENIX CONTACT
2796121 PHOENIX-2796121 Datasheet
87Kb / 5P
Surge protection device - D-UFB-V11/BS-B
09/12/2020
logo
Weidmuller
2796190000 WEIDMULLER-2796190000 Datasheet
453Kb / 6P
S2C-SMT 3.50/16/90G 2.1SN BK RL
More results


Similar Description - 2796A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0574-1000-15 BEL-0574-1000-15 Datasheet
40Kb / 1P
V.34 MODEM TRANSFORMERS
2778A BEL-2778A Datasheet
36Kb / 2P
MODEM MAGNETICS Global V.90 and V.34 Transformers
2786A BEL-2786A Datasheet
40Kb / 2P
MODEM MAGNETICS PCMCIA V.90 Transformers
2791C BEL-2791C Datasheet
34Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
2793A BEL-2793A Datasheet
31Kb / 2P
MODEM MAGNETICS European V.34 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
logo
Rhombus Industries Inc.
T-33001 RHOMBUS-IND-T-33001 Datasheet
31Kb / 1P
PCMCIA Modem Transformers
logo
XFMRS Inc.
1102 XFMRS-1102 Datasheet
98Kb / 2P
PCMCIA MODEM TRANSFORMERS
1102 XFMRS-1102_15 Datasheet
98Kb / 2P
PCMCIA MODEM TRANSFORMERS
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com