Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2795K Datasheet (PDF) - Bel Fuse Inc.

2795K Datasheet PDF - Bel Fuse Inc.
Part # 2795K
Download  2795K Download
File Size   42.63 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers

2795K Datasheet (PDF)

Go To PDF Page Download Datasheet
2795K Datasheet PDF - Bel Fuse Inc.

Part # 2795K
Download  2795K Click to download

File Size   42.63 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers

2795K Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - 2795K

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
2795 NDK-2795 Datasheet
90Kb / 1P
Crystal Clock Oscillator Two Frequencies-switching Type
logo
KR Electronics, Inc.
2795 KR-2795 Datasheet
48Kb / 2P
32.5 MHz lowpass filter
logo
Heyco.
2795 HEYCO-2795 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
Winchester Electronics ...
2795-303-9 WINCHESTER-2795-303-9 Datasheet
60Kb / 1P
PLUG, THREADED, MDB
logo
PHOENIX CONTACT
2795931 PHOENIX-2795931 Datasheet
104Kb / 5P
Surge protection device - TT-UK-R-F/ 48AC
More results


Similar Description - 2795K

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2771B BEL-2771B Datasheet
52Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Transformers
2771G BEL-2771G Datasheet
44Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Transformer
2795R BEL-2795R Datasheet
57Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
S553-6500-89 BEL-S553-6500-89 Datasheet
31Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
S553-6500-96 BEL-S553-6500-96 Datasheet
54Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
S553-6500-B1 BEL-S553-6500-B1 Datasheet
67Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
S553-6500-C6 BEL-S553-6500-C6 Datasheet
244Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Miniature Octal Transformer Module
S553-6500-C9 BEL-S553-6500-C9 Datasheet
69Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Surface Mount Transformer
2771D BEL-2771D Datasheet
41Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Tranformers
2771K BEL-2771K Datasheet
47Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Hardened Transformers
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com