Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2771K Datasheet (PDF) - Bel Fuse Inc.

2771K Datasheet PDF - Bel Fuse Inc.
Part # 2771K
Download  2771K Download
File Size   47.25 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Hardened Transformers

2771K Datasheet (PDF)

Go To PDF Page Download Datasheet
2771K Datasheet PDF - Bel Fuse Inc.

Part # 2771K
Download  2771K Click to download

File Size   47.25 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Hardened Transformers

2771K Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - 2771K

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2771 KR-2771 Datasheet
48Kb / 2P
Bandpass Filter
logo
Heyco.
2771 HEYCO-2771 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
KR Electronics, Inc.
2771-SMA KR-2771-SMA Datasheet
77Kb / 3P
140 MHz Bandpass Filter
logo
PHOENIX CONTACT
2771007 PHOENIX-2771007 Datasheet
143Kb / 6P
UKKB 10/2,5
2771010 PHOENIX-2771010 Datasheet
149Kb / 6P
UKKB 3
More results


Similar Description - 2771K

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2664AM BEL-2664AM Datasheet
27Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single THT Shielded Hardened Transformer
2741B BEL-2741B Datasheet
60Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2741H2 BEL-2741H2 Datasheet
31Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Shielded Transformers
2741S BEL-2741S Datasheet
61Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2745F BEL-2745F Datasheet
62Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformers
2745H2 BEL-2745H2 Datasheet
43Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2771B BEL-2771B Datasheet
52Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Transformers
2779G BEL-2779G Datasheet
58Kb / 2P
HIGH FREQUECY MAGNETICS T1/E1 Surface Mount Transformers
S553-6500-E5 BEL-S553-6500-E5 Datasheet
86Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Transformers
2771D BEL-2771D Datasheet
41Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Tranformers
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com