Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46120V Datasheet (PDF) - Renesas Technology Corp

SLG46120V Datasheet PDF - Renesas Technology Corp
Part # SLG46120V
Download  SLG46120V Download
File Size   4391.51 Kbytes
Page   97 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Mixed Signal Array

SLG46120V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG46120V Datasheet PDF - Renesas Technology Corp

Part # SLG46120V
Download  SLG46120V Click to download

File Size   4391.51 Kbytes
Page   97 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Mixed Signal Array

SLG46120V Datasheet (HTML) - Renesas Technology Corp


SLG46120V Product details

Features
• Logic & Mixed Signal Circuits
• Highly Versatile Macrocells
• 1.8V (±5%) to 5V (±10%) Supply
• Operating Temperature Range: -40°C to 85°C
• RoHS Compliant / Halogen-Free
• Two Pb-Free 12-pin STQFN Package Options
• 1.6 x 1.6 x 0.55 mm, 0.4 mm pitch
• 2 x 2 x 0.55 mm, 0.5 mm pitch




Similar Part No. - SLG46120V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46120V DIALOG-SLG46120V Datasheet
878Kb / 92P
Personal Computers and Servers
logo
Renesas Technology Corp
SLG46120V RENESAS-SLG46120V Datasheet
1Mb / 97P
GreenPAK Programmable Mixed Signal Array
Revised July 9, 2024
logo
Dialog Semiconductor
SLG46120VTR DIALOG-SLG46120VTR Datasheet
878Kb / 92P
Personal Computers and Servers
logo
Renesas Technology Corp
SLG46120VTR RENESAS-SLG46120VTR Datasheet
1Mb / 97P
GreenPAK Programmable Mixed Signal Array
Revised July 9, 2024
More results


Similar Description - SLG46120V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29466 CYPRESS-CY8C29466 Datasheet
474Kb / 40P
Mixed Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
PSoC짰 Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
PSoC짰 Mixed-Signal Array
logo
Dialog Semiconductor
SLG46200 DIALOG-SLG46200 Datasheet
1Mb / 69P
GreenPAK Programmable Mixed Signal Array
SLG46400 DIALOG-SLG46400 Datasheet
1Mb / 95P
GreenPAK 2TM Rev.B Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46200 RENESAS-SLG46200 Datasheet
1Mb / 70P
GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
GreenPAK Programmable Mixed Signal Array
March 10, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com