Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59H1012V Datasheet (PDF) - Renesas Technology Corp

SLG59H1012V Datasheet PDF - Renesas Technology Corp
Part # SLG59H1012V
Download  SLG59H1012V Download
File Size   1838.97 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A 22 V, 13.1 mΩ, 6 A, 85°C-Rated, Load Switch with VIN Lockout Select and MOSFET Current Monitor Output

SLG59H1012V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59H1012V Datasheet PDF - Renesas Technology Corp

Part # SLG59H1012V
Download  SLG59H1012V Click to download

File Size   1838.97 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A 22 V, 13.1 mΩ, 6 A, 85°C-Rated, Load Switch with VIN Lockout Select and MOSFET Current Monitor Output

SLG59H1012V Datasheet (HTML) - Renesas Technology Corp


SLG59H1012V Product details

General Description
The SLG59H1012V is a high-performance, self-powered
13.1 mΩ NMOS load switch designed for all 4.5 V to 22 V
power rails up to 6 A. Using a proprietary MOSFET design, the
SLG59H1012V achieves a stable 13.1 mΩ RDSON across a
wide input voltage range. In combining novel FET design and
copper pillar interconnects, the SLG59H1012V package also
exhibits a low thermal resistance for high-current operation.
Designed to operate over a -40 °C to 85 °C range, the
SLG59H1012V is available in a low thermal resistance,
RoHS-compliant, 1.6 x 3.0 mm STQFN package.
Features
• Wide Operating Input Voltage: 4.5 V to 22 V
• Maximum Continuous Current: 6 A
• Automatic nFET SOA Protection
• 5 W SOA Protection Threshold
• High-performance MOSFET Switch
Low RDSON: 13.1 mΩ at VIN = 22 V
Low ΔRDSON/ΔVIN: < 0.05 mΩ/V
Low ΔRDSON/ΔT: < 0.06 mΩ/°C
• 4-Level, Pin-selectable VIN Overvoltage Lockout
• Capacitor-adjustable Inrush Current Control
• Two stage Current Limit Protection:
Resistor-adjustable Active Current Limit
Internal Short-circuit Current limit
• Open Drain FAULT Signaling
• MOSFET Current Analog Output Monitor: 10 µA/A
• Fast 4 kΩ Output Discharge
• Pb-Free / Halogen-Free / RoHS Compliant Packaging




Similar Part No. - SLG59H1012V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59H1012V DIALOG-SLG59H1012V Datasheet
576Kb / 23P
A 22 V, 13.1 m廓, 6 A, 85째C-Rated, Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
More results


Similar Description - SLG59H1012V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59H1012V DIALOG-SLG59H1012V Datasheet
576Kb / 23P
A 22 V, 13.1 m廓, 6 A, 85째C-Rated, Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
logo
Renesas Technology Corp
SLG59H1005V RENESAS-SLG59H1005V Datasheet
1Mb / 37P
A 22 V, 50 mΩ, 3 A, Reverse Blocking Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1006V RENESAS-SLG59H1006V Datasheet
1Mb / 32P
A 22 V, 13.1 mΩ, 5 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1009V RENESAS-SLG59H1009V Datasheet
1Mb / 25P
A 22 V, 13.1 mΩ, 4 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1013V RENESAS-SLG59H1013V Datasheet
1Mb / 31P
A 13.3 mΩ, 3.5 A, 125 °C-Rated, Load Switch with 12 V / 24 V VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1016V RENESAS-SLG59H1016V Datasheet
1Mb / 31P
A 22 V, 13.1 mΩ, 3.5 A, 125 °C-Rated, Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1120V RENESAS-SLG59H1120V Datasheet
1Mb / 29P
A 12 V, 18 mΩ, 5 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1126V RENESAS-SLG59H1126V Datasheet
1Mb / 28P
A 12 V, 18 mΩ, 6 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
1-Feb-2022
SLG59H1128V RENESAS-SLG59H1128V Datasheet
2Mb / 36P
A 22 V, 13.1 mΩ, 5 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG5NTH1011V RENESAS-SLG5NTH1011V Datasheet
1Mb / 37P
A 22 V, 50 mΩ, 3 A, Reverse Blocking Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
3-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com