Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59H1009V Datasheet (PDF) - Renesas Technology Corp

SLG59H1009V Datasheet PDF - Renesas Technology Corp
Part # SLG59H1009V
Download  SLG59H1009V Download
File Size   1410.24 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A 22 V, 13.1 mΩ, 4 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output

SLG59H1009V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59H1009V Datasheet PDF - Renesas Technology Corp

Part # SLG59H1009V
Download  SLG59H1009V Click to download

File Size   1410.24 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A 22 V, 13.1 mΩ, 4 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output

SLG59H1009V Datasheet (HTML) - Renesas Technology Corp


SLG59H1009V Product details

General Description
The SLG59H1009V is a high-performance, self-powered
13.1 mΩ NMOS load switch designed for all 4.5 V to 22 V
power rails up to 4 A. Using a proprietary MOSFET design, the
SLG59H1009V achieves a stable 13.1 mΩ RDSON across a
wide input voltage range. In combining novel FET design and
copper pillar interconnects, the SLG59H1009V package also
exhibits a low thermal resistance for high-current operation.
Designed to operate over a -40 °C to 85 °C range, the
SLG59H1009V is available in a low thermal resistance,
RoHS-compliant, 1.6 x 3.0 mm STQFN package.
Features
• UL2367 Certified - File Number E468659
• Maximum Continuous Current: 4 A
• Automatic nFET SOA Protection
• 5 W SOA Protection Threshold
• High-performance MOSFET Switch
Low RDSON: 13.1 mΩ at VIN = 22 V
Low ΔRDSON/ΔVIN: < 0.05 mΩ/V
Low ΔRDSON/ΔT: < 0.06 mΩ/°C
• Capacitor-adjustable Inrush Current Control
• Two stage Current Limit Protection:
Resistor-adjustable Active Current Limit
Internal Short-circuit Current limit
• Open Drain FAULT Signaling
• MOSFET Current Analog Output Monitor: 10 µA/A
• Fast 4 kΩ Output Discharge
• Pb-Free / Halogen-Free / RoHS Compliant Packaging




Similar Part No. - SLG59H1009V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59H1009V DIALOG-SLG59H1009V Datasheet
334Kb / 18P
A 22V, 13.1 m, 4 A Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
More results


Similar Description - SLG59H1009V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59H1005V RENESAS-SLG59H1005V Datasheet
1Mb / 37P
A 22 V, 50 mΩ, 3 A, Reverse Blocking Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1006V RENESAS-SLG59H1006V Datasheet
1Mb / 32P
A 22 V, 13.1 mΩ, 5 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1008V RENESAS-SLG59H1008V Datasheet
1Mb / 31P
A 13.3 mΩ, 4 A Load Switch with 12 V / 24 V VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1012V RENESAS-SLG59H1012V Datasheet
1Mb / 33P
A 22 V, 13.1 mΩ, 6 A, 85°C-Rated, Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1016V RENESAS-SLG59H1016V Datasheet
1Mb / 31P
A 22 V, 13.1 mΩ, 3.5 A, 125 °C-Rated, Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1017V RENESAS-SLG59H1017V Datasheet
1Mb / 37P
A 13.3 mΩ, 4 A Load Switch with 12 V / 24 V VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1120V RENESAS-SLG59H1120V Datasheet
1Mb / 29P
A 12 V, 18 mΩ, 5 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1126V RENESAS-SLG59H1126V Datasheet
1Mb / 28P
A 12 V, 18 mΩ, 6 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
1-Feb-2022
SLG59H1128V RENESAS-SLG59H1128V Datasheet
2Mb / 36P
A 22 V, 13.1 mΩ, 5 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG5NTH1011V RENESAS-SLG5NTH1011V Datasheet
1Mb / 37P
A 22 V, 50 mΩ, 3 A, Reverse Blocking Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
3-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com