Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59H1017V Datasheet (PDF) - Renesas Technology Corp

SLG59H1017V Datasheet PDF - Renesas Technology Corp
Part # SLG59H1017V
Download  SLG59H1017V Download
File Size   1964.69 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A 13.3 mΩ, 4 A Load Switch with 12 V / 24 V VIN Lockout Select and MOSFET Current Monitor Output

SLG59H1017V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59H1017V Datasheet PDF - Renesas Technology Corp

Part # SLG59H1017V
Download  SLG59H1017V Click to download

File Size   1964.69 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A 13.3 mΩ, 4 A Load Switch with 12 V / 24 V VIN Lockout Select and MOSFET Current Monitor Output

SLG59H1017V Datasheet (HTML) - Renesas Technology Corp


SLG59H1017V Product details

General Description
The SLG59H1017V is a high-performance 13.3 mΩ NMOS
load switch designed to control 12 V or 24 V power rails up to
4 A. Using a proprietary MOSFET design, the SLG59H1017V
achieves a stable 13.3 mΩ RDSON across a wide input voltage
range. In combining novel FET design and copper pillar
interconnects, the SLG59H1017V package also exhibits a low
thermal resistance for high-current operation.
Designed to operate over a -40 °C to 85 °C range, the
SLG59H1017V is available in a low thermal resistance,
RoHS-compliant, 1.6 x 3.0 mm STQFN package.
Features
• Wide Operating Input Voltage: 12 V or 24 V
• Maximum Continuous Current: 4 A
• Automatic nFET SOA Protection
• 10 W SOA Protection Threshold
• High-performance MOSFET Switch
Low RDSON: 13.3 mΩ at VIN = 24 V
Low ΔRDSON/ΔVIN: < 0.05 mΩ/V
Low ΔRDSON/ΔT: < 0.06 mΩ/°C
• Pin-selectable 12V/24V Input Overvoltage
and Undervoltage Lockout
• Capacitor-adjustable Inrush Current Control
• Two stage Current Limit Protection:
Resistor-adjustable Active Current Limit
Internal Short-circuit Current limit
• Open Drain FAULT Signaling
• Analog MOSFET Current Monitor Output: 10 µA/A
• Fast 4 kΩ Output Discharge
• Pb-Free / Halogen-Free / RoHS Compliant Packaging




Similar Part No. - SLG59H1017V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59H1017V DIALOG-SLG59H1017V Datasheet
1Mb / 34P
A 13.3 m廓, 4 A, Integrated Power Switch with 12V/24V Input Lockout Select and Analog Current Monitor Output
More results


Similar Description - SLG59H1017V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59H1006V RENESAS-SLG59H1006V Datasheet
1Mb / 32P
A 22 V, 13.1 mΩ, 5 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1008V RENESAS-SLG59H1008V Datasheet
1Mb / 31P
A 13.3 mΩ, 4 A Load Switch with 12 V / 24 V VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1009V RENESAS-SLG59H1009V Datasheet
1Mb / 25P
A 22 V, 13.1 mΩ, 4 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1010V RENESAS-SLG59H1010V Datasheet
1Mb / 32P
A 13.3 mΩ, 5 A Load Switch with 12 V / 24 V VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1013V RENESAS-SLG59H1013V Datasheet
1Mb / 31P
A 13.3 mΩ, 3.5 A, 125 °C-Rated, Load Switch with 12 V / 24 V VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1120V RENESAS-SLG59H1120V Datasheet
1Mb / 29P
A 12 V, 18 mΩ, 5 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1126V RENESAS-SLG59H1126V Datasheet
1Mb / 28P
A 12 V, 18 mΩ, 6 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
1-Feb-2022
SLG59H1127V RENESAS-SLG59H1127V Datasheet
1Mb / 33P
A 12 V, 15 mΩ, 4 A Load Switch with VIN Lockout Select and Power Good Output
2-Feb-2022
SLG59H1128V RENESAS-SLG59H1128V Datasheet
2Mb / 36P
A 22 V, 13.1 mΩ, 5 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG5NTH1011V RENESAS-SLG5NTH1011V Datasheet
1Mb / 37P
A 22 V, 50 mΩ, 3 A, Reverse Blocking Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
3-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com