Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59H1020V Datasheet (PDF) - Renesas Technology Corp

SLG59H1020V Datasheet PDF - Renesas Technology Corp
Part # SLG59H1020V
Download  SLG59H1020V Download
File Size   2531.76 Kbytes
Page   44 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A 20 V, 50 mΩ, 3 A, Reverse Blocking Load Switch with VIN Lockout Select and MOSFET Current Monitor Output

SLG59H1020V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59H1020V Datasheet PDF - Renesas Technology Corp

Part # SLG59H1020V
Download  SLG59H1020V Click to download

File Size   2531.76 Kbytes
Page   44 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A 20 V, 50 mΩ, 3 A, Reverse Blocking Load Switch with VIN Lockout Select and MOSFET Current Monitor Output

SLG59H1020V Datasheet (HTML) - Renesas Technology Corp


SLG59H1020V Product details

General Description
The SLG59H1020V is a high-performance, self-powered
50 mΩ NMOS load switch with back-to-back reverse-current
blocking designed for all 4.5 V to 20 V power rails up to 3 A.
Using a proprietary MOSFET design, the SLG59H1020V
achieves a stable 50 mΩ RDSON across a wide input voltage
range. In combining novel FET design and copper pillar
interconnects, the SLG59H1020V package also exhibits a low
thermal resistance for high-current operation.
Designed to operate over a -40°C to 85°C range, the
SLG59H1020V is available in a low thermal resistance,
RoHS-compliant, 1.6 x 3.0 mm STQFN package.
Features
• Wide Operating Input Voltage: 4.5 V to 20 V
• Maximum Continuous Current: 3 A
• Automatic nFET SOA Protection
• 5 W SOA Protection Threshold
• Back-to-Back FET Reverse Current Blocking, when OFF
• Internal nFET Power Limiting
• High-performance MOSFET Switch
Low RDSON: 50 mΩ at VIN = 20 V
Low ΔRDSON/ΔVIN: < 0.05 mΩ/V
Low ΔRDSON/ΔT: < 0.06 mΩ/°C
• 4-Level, Pin-selectable VIN Overvoltage Lockout
• Capacitor-adjustable Inrush Current Control
• Two stage Current Limit Protection:
Resistor-adjustable Active Current Limit
Internal Short-circuit Current limit
• Open Drain FAULT Signaling
• MOSFET Current Analog Output Monitor: 10 µA/A
• Pb-Free / Halogen-Free / RoHS Compliant Packaging




Similar Part No. - SLG59H1020V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59H1020V DIALOG-SLG59H1020V Datasheet
1Mb / 43P
A 20 V, 50 m廓, 3 A, Reverse Blocking Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1020VTR DIALOG-SLG59H1020VTR Datasheet
1Mb / 43P
A 20 V, 50 m廓, 3 A, Reverse Blocking Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
More results


Similar Description - SLG59H1020V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NTH1011V DIALOG-SLG5NTH1011V Datasheet
532Kb / 20P
A 22 V, 50 m廓, 3 A Reverse Blocking Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1005V DIALOG-SLG59H1005V Datasheet
533Kb / 20P
A 22 V, 50 m廓, 3 A Reverse Blocking Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1020V DIALOG-SLG59H1020V Datasheet
1Mb / 43P
A 20 V, 50 m廓, 3 A, Reverse Blocking Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
logo
Renesas Technology Corp
SLG59H1005V RENESAS-SLG59H1005V Datasheet
1Mb / 37P
A 22 V, 50 mΩ, 3 A, Reverse Blocking Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1006V RENESAS-SLG59H1006V Datasheet
1Mb / 32P
A 22 V, 13.1 mΩ, 5 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1009V RENESAS-SLG59H1009V Datasheet
1Mb / 25P
A 22 V, 13.1 mΩ, 4 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1120V RENESAS-SLG59H1120V Datasheet
1Mb / 29P
A 12 V, 18 mΩ, 5 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1126V RENESAS-SLG59H1126V Datasheet
1Mb / 28P
A 12 V, 18 mΩ, 6 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
1-Feb-2022
SLG59H1128V RENESAS-SLG59H1128V Datasheet
2Mb / 36P
A 22 V, 13.1 mΩ, 5 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG5NTH1011V RENESAS-SLG5NTH1011V Datasheet
1Mb / 37P
A 22 V, 50 mΩ, 3 A, Reverse Blocking Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
3-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com