Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59H1302C Datasheet (PDF) - Renesas Technology Corp

SLG59H1302C Datasheet PDF - Renesas Technology Corp
Part # SLG59H1302C
Download  SLG59H1302C Download
File Size   1012.93 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A Surge-protected, 28 V Tolerant Power Splitter in WLCSP

SLG59H1302C Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59H1302C Datasheet PDF - Renesas Technology Corp

Part # SLG59H1302C
Download  SLG59H1302C Click to download

File Size   1012.93 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A Surge-protected, 28 V Tolerant Power Splitter in WLCSP

SLG59H1302C Datasheet (HTML) - Renesas Technology Corp


SLG59H1302C Product details

General Description
The SLG59H1302C is a 130-V surge-protected, 28-V tolerant
power splitter with two high-current switches and a 0.1 A
capable LDO in 28-ball WLCSP. With independent control for
each channel, the SLG59H1302C contains a 6 A capable,
12 mΩ nFET switch for the BUS-to-OUT path and a
reverse-blocking 6 A capable, 24 mΩ nFET switch for the
BUS-to-SYS path. An internal, “always ON” LDO is 0.1 A
capable and can be used to supply power to downstream
devices when the BUS terminal voltage is higher than 2.7 V.
When the SYS terminal turns on, the IC’s push-pull PG output
becomes asserted. The SLG59H1302C is fully specified over
the industrial -40 °C to 85 °C temperature range.
Features
• 130 V-tolerant TVS (IEC61000-4-5)
• BUS-to-OUT nFET: 12 mΩ/6 A, 28 V tolerant
• BUS-to-SYS nFET: 24 mΩ/6 A B2B RB
• Always ON, BUS LDO: ±10% tol, 0.1 A capable
• BUS UVLO & OVLO Protection
• OVP Response Time: 200 ns
• Push-pull PG (Power Good) Output
• Thermal Shutdown Protection
• Active-HIGH IC Shutdown Input
• Active-LOW ON1 Input (BUS-to-OUT)
• Active-HIGH ON2 Input (BUS-to-SYS)
• 28-ball CSP, 2.98 x 1.69 x 0.44 mm, 0.4 mm pitch
• Pb-Free / Halogen-Free / RoHS Compliant Packaging




Similar Part No. - SLG59H1302C

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59H1302C DIALOG-SLG59H1302C Datasheet
354Kb / 13P
A Surge-protected, 28 V Tolerant Power Splitter in WLCSP
More results


Similar Description - SLG59H1302C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3054 MAXIM-MAX3054 Datasheet
503Kb / 18P
짹80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications
Rev 0; 11/02
logo
Analog Devices
AD8235 AD-AD8235 Datasheet
521Kb / 20P
40 關A Micropower Instrumentation Amplifier in WLCSP Package
REV. 0
logo
List of Unclassifed Man...
UT216 ETC2-UT216 Datasheet
47Kb / 1P
Industrial Surge Protected Converter
logo
STMicroelectronics
STL120N2VH5 STMICROELECTRONICS-STL120N2VH5 Datasheet
655Kb / 18P
N-channel 20 V, 0.002, 28 A STripFET V Power MOSFET in PowerFLAT 5x6 package
01-Mar-2012
logo
Maxim Integrated Produc...
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
logo
Analog Devices
AD8235 AD-AD8235_16 Datasheet
591Kb / 21P
40 關A Micropower Instrumentation Amplifier in WLCSP Package
REV. A
logo
Dialog Semiconductor
SLG59H1302C DIALOG-SLG59H1302C Datasheet
354Kb / 13P
A Surge-protected, 28 V Tolerant Power Splitter in WLCSP
SLG59H1313C DIALOG-SLG59H1313C Datasheet
1Mb / 28P
A 20 m廓, 4.5 A nFET Integrated Power Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP
SLG59M1693C DIALOG-SLG59M1693C Datasheet
751Kb / 22P
A 2 V, 17.4 m廓, 1.0 A pFET Integrated Power Switch with Discharge in a 0.56 mm2 WLCSP
logo
Renesas Technology Corp
SLG59H1313C RENESAS-SLG59H1313C Datasheet
1Mb / 31P
A 23 mΩ, 4.5 A nFET Load Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP
2-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com