Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59H1313C Datasheet (PDF) - Renesas Technology Corp

SLG59H1313C Datasheet PDF - Renesas Technology Corp
Part # SLG59H1313C
Download  SLG59H1313C Download
File Size   1585.47 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A 23 mΩ, 4.5 A nFET Load Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP

SLG59H1313C Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59H1313C Datasheet PDF - Renesas Technology Corp

Part # SLG59H1313C
Download  SLG59H1313C Click to download

File Size   1585.47 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A 23 mΩ, 4.5 A nFET Load Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP

SLG59H1313C Datasheet (HTML) - Renesas Technology Corp


SLG59H1313C Product details

General Description
The SLG59H1313C features a low 23 mΩ RDSON internal
nFET that protects low-voltage 2.5 Vdc to 5.5 Vdc operating
systems against voltage faults up to 29 Vdc. An internal clamp
circuit protects the downstream components from surge
voltage up to 100 V. The SLG59H1313C features a fast 50 ns
(typ) over-voltage response time that turns off the internal
nFET if the input voltage exceeds the OVP threshold. The
OVP threshold is adjustable with optional external resistors to
any voltage between 4 V and 20 V. Over-temperature
protection powers down the device at 145°C (typ).
SLG59H1313C also features an Over-current protection that
turns off the switch if the current exceeds 7 A (typ), this gives
additional protection from over-heating the device.
SLG59H1313C incorporates an open-drain output PG pin.
When VIN_min < VIN < VOVLO and the switch is on, PG will be
driven low indicating a good power input, otherwise it is high
impedance.
Features
• Pin-to-pin to FPF2280 with Improved Performance
• Surge protection (IEC61000-4-5: >100 V)
• Input maximum voltage rating: 29 Vdc
• Integrated low RDSON nFET switch: 23 mΩ (typ)
• 4.5 A continuous current capability
• Over-Voltage Protection (OVP): adjustable 4 V to 20 V
• Over-Temperature Protection (OTP): 145°C (typ)
• 7 A Over-Current Protection (OCP)
• Fast OVP turn-off response: typical 50 ns
• 1.3 mm x 1.8 mm in 12-ball WLCSP
• Pb-Free/Halogen-Free /ROHS Compliant




Similar Part No. - SLG59H1313C

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59H1313C DIALOG-SLG59H1313C Datasheet
1Mb / 28P
A 20 m廓, 4.5 A nFET Integrated Power Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP
logo
Renesas Technology Corp
SLG59H1313C RENESAS-SLG59H1313C Datasheet
1Mb / 31P
A 23 mΩ, 4.5 A nFET Load Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP
3-Oct-2023
SLG59H1313CTR RENESAS-SLG59H1313CTR Datasheet
1Mb / 31P
A 23 mΩ, 4.5 A nFET Load Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP
3-Oct-2023
SLG59H1313C RENESAS-SLG59H1313C_V01 Datasheet
1Mb / 31P
A 23 mΩ, 4.5 A nFET Load Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP
3-Oct-2023
More results


Similar Description - SLG59H1313C

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59H1313C DIALOG-SLG59H1313C Datasheet
1Mb / 28P
A 20 m廓, 4.5 A nFET Integrated Power Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP
logo
Renesas Technology Corp
SLG59H1341 RENESAS-SLG59H1341 Datasheet
1Mb / 29P
A Reverse Blocking 70 mΩ, 1.3 A nFET Load Switch in 1.46 mm2 WLCSP
18-Jul-2022
SLG59H1342 RENESAS-SLG59H1342 Datasheet
1Mb / 24P
A Reverse Blocking 70 mΩ, 1.5 A nFET Load Switch in 1.46 mm2 WLCSP
27-Jan-2023
SLG59M1735C RENESAS-SLG59M1735C Datasheet
1Mb / 19P
A 10.5 mΩ, 4 A Load Switch with Soft-start and Protection Features in WLCSP
4-Feb-2022
SLG59M1746C RENESAS-SLG59M1746C Datasheet
1Mb / 33P
An Ultra-low Power, RDSON 17.6 mΩ, 1 A, 0.82 mm2 WLCSP Load Switch with Controlled Inrush Current
2-Feb-2022
SLG59M1748C RENESAS-SLG59M1748C Datasheet
1Mb / 21P
A Reverse Blocking 36 mΩ, 2.2 A pFET Load Switch in 0.64 mm2 WLCSP
4-Feb-2022
SLG59M1527V RENESAS-SLG59M1527V Datasheet
609Kb / 15P
Dual 4.5 A Load Switch
3-Feb-2022
SLG59M1558V RENESAS-SLG59M1558V Datasheet
567Kb / 15P
An Ultra-small 1.6 mm2, 28.5 mΩ, 1.0 A, Load Switch
2-Feb-2022
SLG59M1685C RENESAS-SLG59M1685C Datasheet
955Kb / 24P
A Low Power, 10 mΩ, 2 A, 0.82 mm2 WLCSP Load Switch with Multiple Protection Features
3-Feb-2022
SLG59M1707V RENESAS-SLG59M1707V Datasheet
1Mb / 28P
A 125 °C Rated, 4 mm2, 13 mΩ, 3.5 A Load Switch with Protection Features and an Analog Current Monitor Output
3-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com