Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1735C Datasheet (PDF) - Renesas Technology Corp

SLG59M1735C Datasheet PDF - Renesas Technology Corp
Part # SLG59M1735C
Download  SLG59M1735C Download
File Size   1079.97 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A 10.5 mΩ, 4 A Load Switch with Soft-start and Protection Features in WLCSP

SLG59M1735C Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1735C Datasheet PDF - Renesas Technology Corp

Part # SLG59M1735C
Download  SLG59M1735C Click to download

File Size   1079.97 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A 10.5 mΩ, 4 A Load Switch with Soft-start and Protection Features in WLCSP

SLG59M1735C Datasheet (HTML) - Renesas Technology Corp


SLG59M1735C Product details

General Description
The SLG59M1735C is a high performance 10.5 mΩ, 4 A
single-channel nFET load switch which can operate with a
2.5 V to 5.5 V VDD supply to switch power rails from as low as
0.9 V up to the supply voltage. The SLG59M1735C
incorporates two-level overload current protection, thermal
shutdown protection, and soft-start control which can easily be
adjusted by a small external capacitor.
Using a proprietary MOSFET design, the SLG59M1735C
achieves its stable 10.5 mΩ RDSON across a wide input
voltage range. Through the application of Renesas’s
proprietary CuFET technology, the SLG59M1735C’s can be
used in high-current applications with a very-small 1.5 mm2
WLCSP form factor.
Features
• Low RDSON nFET: 10.5 mΩ
• Steady-state Operating Current: Up to 4 A
• Supply Voltage: 2.5 V ≤ VDD ≤ 5.5 V
• Wide Input Voltage Range: 0.9 V ≤ VD ≤ VDD
• Capacitor-adjustable Soft-start Control
• Two-stage Overcurrent Protection:
• Fixed 6 A Active Current Limit
• Fixed 0.5 A Short-circuit Current Limit
• Thermal Shutdown Protection
• Operating Temperature: -40 °C to 85 °C
• 0.96 mm x 1.56 mm, 0.4mm pitch 8L WLCSP
• Pb-Free / Halogen-Free / RoHS-Compliant




Similar Part No. - SLG59M1735C

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1735C DIALOG-SLG59M1735C Datasheet
542Kb / 16P
Thermal Shutdown Protection
SLG59M1735CTR DIALOG-SLG59M1735CTR Datasheet
542Kb / 16P
Thermal Shutdown Protection
More results


Similar Description - SLG59M1735C

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59H1019V DIALOG-SLG59H1019V Datasheet
1Mb / 41P
A 13 m廓, 5 A, Integrated Power Switch with Soft-start, Protection Features, and MOSFET Current Monitor Output
logo
Renesas Technology Corp
SLG59H1341 RENESAS-SLG59H1341 Datasheet
1Mb / 29P
A Reverse Blocking 70 mΩ, 1.3 A nFET Load Switch in 1.46 mm2 WLCSP
18-Jul-2022
SLG59H1342 RENESAS-SLG59H1342 Datasheet
1Mb / 24P
A Reverse Blocking 70 mΩ, 1.5 A nFET Load Switch in 1.46 mm2 WLCSP
27-Jan-2023
SLG59H1019V RENESAS-SLG59H1019V Datasheet
2Mb / 44P
A 13 mΩ, 5 A, Load Switch with Soft-start, Protection Features, and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1313C RENESAS-SLG59H1313C Datasheet
1Mb / 31P
A 23 mΩ, 4.5 A nFET Load Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP
2-Feb-2022
SLG59M1713V RENESAS-SLG59M1713V Datasheet
1Mb / 30P
An Ultra-small, 4 mΩ, 2 A Load Switch with Multiple Protection Features
3-Feb-2022
SLG59M1748C RENESAS-SLG59M1748C Datasheet
1Mb / 21P
A Reverse Blocking 36 mΩ, 2.2 A pFET Load Switch in 0.64 mm2 WLCSP
4-Feb-2022
SLG59M1685C RENESAS-SLG59M1685C Datasheet
955Kb / 24P
A Low Power, 10 mΩ, 2 A, 0.82 mm2 WLCSP Load Switch with Multiple Protection Features
3-Feb-2022
SLG59M1707V RENESAS-SLG59M1707V Datasheet
1Mb / 28P
A 125 °C Rated, 4 mm2, 13 mΩ, 3.5 A Load Switch with Protection Features and an Analog Current Monitor Output
3-Feb-2022
SLG59M1709V RENESAS-SLG59M1709V Datasheet
709Kb / 21P
An Ultra-small, 4 mΩ, 4 A Load Switch with Multiple Protection Features
4-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com