Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1735C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # SLG59M1735C
Description  A 10.5 mΩ, 4 A Load Switch with Soft-start and Protection Features in WLCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG59M1735C Datasheet(HTML) 2 Page - Renesas Technology Corp

  SLG59M1735C Datasheet HTML 1Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 2Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 3Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 4Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 5Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 6Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 7Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 8Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Datasheet
4-Feb-2022
CFR0011-120-01
Revision 1.04
Page 2 of 18
SLG59M1735C
A 10.5 mΩ, 4 A Load Switch
with Soft-start and Protection Features in WLCSP
©2022 Renesas Electronics Corporation
Pin Description
Ordering Information
Pin #
Pin Name
Type
Pin Description
A1
VDD
PWR
VDD power for load switch control (2.5 V to 5.5 V)
B1
ON
Input
Turns MOSFET ON (4 M
Ω pull down resistor)
CMOS input with ON_VIL < 0.3 V, ON_VIH > 0.85 V
C1
D
MOSFET
Drain of Power MOSFET (fused with pin D1)
D1
D
MOSFET
Drain of Power MOSFET (fused with pin C1)
D2
S
MOSFET
Source of Power MOSFET (fused with pin C2)
C2
S
MOSFET
Source of Power MOSFET (fused with pin D2)
B2
CAP
Input
Capacitor for controlling power rail ramp rate
A2
GND
GND
Ground
Part Number
Type
Production Flow
SLG59M1735C
WLCSP 8L
Industrial, -40
°C to 85 °C
SLG59M1735CTR
WLCSP 8L (Tape and Reel)
Industrial, -40
°C to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com