Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1735C Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SLG59M1735C
Description  A 10.5 mΩ, 4 A Load Switch with Soft-start and Protection Features in WLCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG59M1735C Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SLG59M1735C Datasheet HTML 9Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 10Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 11Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 12Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 13Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 14Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 15Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 16Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Datasheet
4-Feb-2022
CFR0011-120-01
Revision 1.04
Page 13 of 18
SLG59M1735C
A 10.5 mΩ, 4 A Load Switch
with Soft-start and Protection Features in WLCSP
©2022 Renesas Electronics Corporation
Package Top Marking System Definition
PPAR
WWN
Part Code + Assembly Site
+ Revision Code
Date Code + S/N Code
Pin 1 Identifier
PP - Part Code Field
A - Assembly Site Code Field
R - Revision Code Field
WW - Lot Traceability Field
N - S/N Code Field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com