Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1735C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # SLG59M1735C
Description  A 10.5 mΩ, 4 A Load Switch with Soft-start and Protection Features in WLCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG59M1735C Datasheet(HTML) 3 Page - Renesas Technology Corp

  SLG59M1735C Datasheet HTML 1Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 2Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 3Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 4Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 5Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 6Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 7Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 8Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Datasheet
4-Feb-2022
CFR0011-120-01
Revision 1.04
Page 3 of 18
SLG59M1735C
A 10.5 mΩ, 4 A Load Switch
with Soft-start and Protection Features in WLCSP
©2022 Renesas Electronics Corporation
Absolute Maximum Ratings
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VDD
Power Supply
--
--
7
V
TS
Storage Temperature
-65
--
150
°C
TO
Operating Temperature
-40
--
85
°C
TA
Rated Operating Temperature
-40
--
85
°C
ESDHBM
ESD Protection
Human Body Model
2000
--
4
V
ESDCDM
ESD Protection
Charged Device Model
500
--
6
V
MSL
Moisture Sensitivity Level
1
θ
JA
Package Thermal Resistance,
Junction-to-Ambient
0.96mm x 1.56mm WLCSP; Determined
using 1 in2, 1 oz. copper pads under each
VD and VS on FR4 pcb material
--
100
--
°C/W
WDIS
Package Power Dissipation
--
--
1
W
IDSMAX
Max Continuous Switch Current
--
--
4
A
MOSFET IDSPK Peak Current from Drain to Source
Maximum pulsed switch current, pulse
width < 1 ms, 1% duty cycle
--
--
6
A
Note: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Electrical Characteristics
TA = -40 °C to 85 °C (unless otherwise stated)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VDD
Power Supply Voltage
-40 to 85°C
2.5
--
5.5
V
IDD
Power Supply Current
when OFF
--
0.04
2
µA
when ON
--
77
110
µA
RDSON
ON Resistance
TA 25°C, IDS = 100 mA; VDD = VD = 5 V
--
10.5
12.1
m
Ω
TA 85°C, IDS = 100 mA; VDD = VD = 5 V
--
12.7
14.3
m
Ω
VD
Drain Voltage
0.9
--
VDD
V
IFET_OFF
MOSFET OFF Leakage Current
2.5V ≤ VDD ≤ 5.5V; VD = 4.35V,
VS = 0V; ON = LOW; TA = 25°C
--
0.03
1
µA
ILIMIT
Active Current Limit
MOSFET will automatically limit cur-
rent when VS > 250 mV
4.5
6.0
8
A
Short Circuit Current Limit
MOSFET will automatically limit cur-
rent when VS < 250 mV
--
0.5
--
A
TON_Delay
ON Delay Time
50% ON to 10% VS ↑;
VDD = VD = 5 V; RLOAD = 20 Ω,
CLOAD = 10 µF
--
220
400
µs
VS(SR)
Slew Rate
10% VS to 90% VS ↑;
Set by External CSLEW
1
µs
Example: 10% VS to 90% VS ↑;
VDD = VD = 5 V; CSLEW = 3.9 nF
RLOAD = 20 Ω, CLOAD = 10 µF
2.2
2.8
3.5
V/ms
TTotal_ON
Total Turn-on Time
50% ON to 90% VS ↑
Set by External CSLEW
1
ms
Example: 50% ON to 90% VS ↑
VDD = VD = 5 V; CSLEW = 3.9 nF
RLOAD = 20 Ω, CLOAD = 10 µF
1.5
1.9
2.3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com