Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1735C Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # SLG59M1735C
Description  A 10.5 mΩ, 4 A Load Switch with Soft-start and Protection Features in WLCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG59M1735C Datasheet(HTML) 1 Page - Renesas Technology Corp

  SLG59M1735C Datasheet HTML 1Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 2Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 3Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 4Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 5Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 6Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 7Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 8Page - Renesas Technology Corp SLG59M1735C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SLG59M1735C
A 10.5 mΩ, 4 A Load Switch
with Soft-start and Protection Features in WLCSP
Datasheet
4-Feb-2022
CFR0011-120-01
Revision 1.04
Page 1 of 18
©2022 Renesas Electronics Corporation
Block Diagram
General Description
The SLG59M1735C is a high performance 10.5 mΩ, 4 A
single-channel nFET load switch which can operate with a
2.5 V to 5.5 V VDD supply to switch power rails from as low as
0.9 V up to the supply voltage. The SLG59M1735C
incorporates two-level overload current protection, thermal
shutdown protection, and soft-start control which can easily be
adjusted by a small external capacitor.
Using a proprietary MOSFET design, the SLG59M1735C
achieves its stable 10.5 mΩ RDSON across a wide input
voltage
range. Through
the application of Renesas’s
proprietary CuFET technology, the SLG59M1735C’s can be
used in high-current applications with a very-small 1.5 mm2
WLCSP form factor.
Features
•
Low RDSON nFET: 10.5 mΩ
•
Steady-state Operating Current: Up to 4 A
•
Supply Voltage: 2.5 V ≤ VDD ≤ 5.5 V
•
Wide Input Voltage Range: 0.9 V ≤ VD ≤ VDD
•
Capacitor-adjustable Soft-start Control
•
Two-stage Overcurrent Protection:
• Fixed 6 A Active Current Limit
• Fixed 0.5 A Short-circuit Current Limit
•
Thermal Shutdown Protection
•
Operating Temperature: -40
°C to 85 °C
•
0.96 mm x 1.56 mm, 0.4mm pitch 8L WLCSP
• Pb-Free / Halogen-Free / RoHS-Compliant
Pin Configuration
Applications
•
Notebook Power Rail Switching
•
Tablet Power Rail Switching
•
Smartphone Power Rail Switching
8-pin WLCSP
(Laser Marking View)
VDD A
CAP
GND
D
ON B
C
D D
S
S
1
2
Pin A1 Index Mark
D
S
Linear Ramp
Control
CMOS Input
ON
Charge
Pump
VDD
CSLEW
Over Current and
Over Temperature
Protection
CIN
0.1
µF
ON
OFF
CLOAD
GND
CAP
+2.5 to 5.5V


Similar Part No. - SLG59M1735C

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1735C DIALOG-SLG59M1735C Datasheet
542Kb / 16P
Thermal Shutdown Protection
SLG59M1735CTR DIALOG-SLG59M1735CTR Datasheet
542Kb / 16P
Thermal Shutdown Protection
More results

Similar Description - SLG59M1735C

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59H1019V DIALOG-SLG59H1019V Datasheet
1Mb / 41P
A 13 m廓, 5 A, Integrated Power Switch with Soft-start, Protection Features, and MOSFET Current Monitor Output
logo
Renesas Technology Corp
SLG59H1341 RENESAS-SLG59H1341 Datasheet
1Mb / 29P
A Reverse Blocking 70 mΩ, 1.3 A nFET Load Switch in 1.46 mm2 WLCSP
18-Jul-2022
SLG59H1342 RENESAS-SLG59H1342 Datasheet
1Mb / 24P
A Reverse Blocking 70 mΩ, 1.5 A nFET Load Switch in 1.46 mm2 WLCSP
27-Jan-2023
SLG59H1019V RENESAS-SLG59H1019V Datasheet
2Mb / 44P
A 13 mΩ, 5 A, Load Switch with Soft-start, Protection Features, and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1313C RENESAS-SLG59H1313C Datasheet
1Mb / 31P
A 23 mΩ, 4.5 A nFET Load Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP
2-Feb-2022
SLG59M1713V RENESAS-SLG59M1713V Datasheet
1Mb / 30P
An Ultra-small, 4 mΩ, 2 A Load Switch with Multiple Protection Features
3-Feb-2022
SLG59M1748C RENESAS-SLG59M1748C Datasheet
1Mb / 21P
A Reverse Blocking 36 mΩ, 2.2 A pFET Load Switch in 0.64 mm2 WLCSP
4-Feb-2022
SLG59M1685C RENESAS-SLG59M1685C Datasheet
955Kb / 24P
A Low Power, 10 mΩ, 2 A, 0.82 mm2 WLCSP Load Switch with Multiple Protection Features
3-Feb-2022
SLG59M1707V RENESAS-SLG59M1707V Datasheet
1Mb / 28P
A 125 °C Rated, 4 mm2, 13 mΩ, 3.5 A Load Switch with Protection Features and an Analog Current Monitor Output
3-Feb-2022
SLG59M1709V RENESAS-SLG59M1709V Datasheet
709Kb / 21P
An Ultra-small, 4 mΩ, 4 A Load Switch with Multiple Protection Features
4-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com