Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1713V Datasheet (PDF) - Renesas Technology Corp

SLG59M1713V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1713V
Download  SLG59M1713V Download
File Size   1129.34 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small, 4 mΩ, 2 A Load Switch with Multiple Protection Features

SLG59M1713V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1713V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1713V
Download  SLG59M1713V Click to download

File Size   1129.34 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small, 4 mΩ, 2 A Load Switch with Multiple Protection Features

SLG59M1713V Datasheet (HTML) - Renesas Technology Corp


SLG59M1713V Product details

General Description
Operating from a 2.5 V to 5.5 V power supply and fully
specified over the -40 °C to 85 °C temperature range, the
SLG59M1713V is a high-performance 4 mΩ, 2 A
single-channel nFET load switch with adjustable inrush
current control which is achieved by adjusting the VOUT slew
rate with an external capacitor. Using a proprietary MOSFET
design, the SLG59M1713V achieves a stable 4 mΩ RDSON
across a wide input/supply voltage range. Incorporating
two-stage current protection as well as thermal protection, the
SLG59M1713V is designed for all 0.8 V to 5.5V power rail
applications. Using Renesas’s proprietary CuFET™
technology for high-current operation, the SLG59M1713V is
packaged in a space-efficient, low thermal resistance,
RoHS-compliant 1.6 mm x 2.5 mm STQFN package
Features
• Low Typical RDSON nFET: 4 mΩ
• Maximum Continuous Switch Current: Up to 2 A
• Supply Voltage: 2.5 V ≤ VDD ≤ 5.5 V
• Wide Input Voltage Range: 0.8 V ≤ VIN ≤ VDD
• Capacitor-adjustable Start-up and Inrush Current Control
• Two-stage Overcurrent Protection:
• Fixed threshold, 4 A Active Current Limit
• Fixed 0.5 A Short-circuit Current Limit
• Internal VOUT Discharge
• Operating Temperature: -40 °C to 85 °C
• Low θJA, 16-pin 1.6 mm x 2.5 mm STQFN Packaging
• Pb-Free / Halogen-Free / RoHS compliant




Similar Part No. - SLG59M1713V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1713V DIALOG-SLG59M1713V Datasheet
413Kb / 18P
An Ultra-small, 4 m廓, 2 A Integrated Power Switch with Multiple Protection Features
More results


Similar Description - SLG59M1713V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1710V DIALOG-SLG59M1710V Datasheet
412Kb / 18P
An Ultra-small, 4 m廓, 2 A Integrated Power Switch with Multiple Protection Features
SLG59M1713V DIALOG-SLG59M1713V Datasheet
413Kb / 18P
An Ultra-small, 4 m廓, 2 A Integrated Power Switch with Multiple Protection Features
logo
Renesas Technology Corp
SLG59M1717V RENESAS-SLG59M1717V Datasheet
1,004Kb / 26P
An Ultra-small, 4 mΩ, 5 A Load Switch with PG Output
3-Feb-2022
SLG5NT1458V RENESAS-SLG5NT1458V Datasheet
624Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
7-Feb-2022
SLG59M1440V RENESAS-SLG59M1440V Datasheet
629Kb / 15P
An Ultra-small 40 mΩ, 1 A, Load Switch with Discharge
3-Feb-2022
SLG59M1448V RENESAS-SLG59M1448V Datasheet
636Kb / 16P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
27-Oct-2022
SLG59M1545V RENESAS-SLG59M1545V Datasheet
606Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch
2-Feb-2022
SLG59M1598V RENESAS-SLG59M1598V Datasheet
608Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
2-Feb-2022
SLG59M1685C RENESAS-SLG59M1685C Datasheet
955Kb / 24P
A Low Power, 10 mΩ, 2 A, 0.82 mm2 WLCSP Load Switch with Multiple Protection Features
3-Feb-2022
SLG59M1709V RENESAS-SLG59M1709V Datasheet
709Kb / 21P
An Ultra-small, 4 mΩ, 4 A Load Switch with Multiple Protection Features
4-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com