Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1707V Datasheet (PDF) - Renesas Technology Corp

SLG59M1707V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1707V
Download  SLG59M1707V Download
File Size   1335.63 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A 125 °C Rated, 4 mm2, 13 mΩ, 3.5 A Load Switch with Protection Features and an Analog Current Monitor Output

SLG59M1707V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1707V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1707V
Download  SLG59M1707V Click to download

File Size   1335.63 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A 125 °C Rated, 4 mm2, 13 mΩ, 3.5 A Load Switch with Protection Features and an Analog Current Monitor Output

SLG59M1707V Datasheet (HTML) - Renesas Technology Corp


SLG59M1707V Product details

General Description
Operating from a 2.5 V to 5.5 V power supply and fully
specified over the -40 °C to 125 °C extended industrial
temperature range, the SLG59M1707V is a high-performance
13 mΩ, 3.5 A single-channel nFET load switch designed for all
0.8 V to 5.5 V power rail applications. With a fixed VOUT slew
rate of 3 V/ms, inrush current is internally limited. Using a
proprietary MOSFET design, the SLG59M1707V achieves a
stable 13 mΩ RDSON across a wide input/supply voltage
range. The SLG59M1707V also incorporates
resistor-adjustable current limiting as well as thermal
protection. Using Renesas’s proprietary CuFET™ technology
for high-current operation, the SLG59M1707V is packaged in
a space-efficient, low thermal resistance, RoHS-compliant 1.6
mm x 2.5 mm STQFN package.
Features
• Low RDSON nFET Block: 13 mΩ
• Steady-state Operating Current: Up to 3.5 A
• Supply Voltage: 2.5 V £ VDD £ 5.5 V
• Wide Input Voltage Range: 0.8 V ≤ VIN ≤ VDD
• Fixed VOUT Slew Rate: 3 V/ms
• Two-stage Overcurrent Protection:
• Resistor-adjustable Active Current Limit
• Fixed 0.5 A Short-circuit Current Limit
• Thermal Shutdown Protection
• Analog MOSFET Current Monitor Output: 100 μA/A
• Open-drain FAULT Signaling
• Operating Temperature: -40 °C to 125 °C
• Low qJA, 16-pin 1.6 mm x 2.5 mm STQFN
• Pb-Free / Halogen-Free / RoHS compliant




Similar Part No. - SLG59M1707V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1707V DIALOG-SLG59M1707V Datasheet
969Kb / 24P
A 125 째C Rated, 4 mm2, 13 m廓, 3.5 A Integrated Power Switch with Protection Features and an Analog Current Monitor Output
More results


Similar Description - SLG59M1707V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1707V DIALOG-SLG59M1707V Datasheet
969Kb / 24P
A 125 째C Rated, 4 mm2, 13 m廓, 3.5 A Integrated Power Switch with Protection Features and an Analog Current Monitor Output
logo
Renesas Technology Corp
SLG59H1013V RENESAS-SLG59H1013V Datasheet
1Mb / 31P
A 13.3 mΩ, 3.5 A, 125 °C-Rated, Load Switch with 12 V / 24 V VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1016V RENESAS-SLG59H1016V Datasheet
1Mb / 31P
A 22 V, 13.1 mΩ, 3.5 A, 125 °C-Rated, Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1019V RENESAS-SLG59H1019V Datasheet
2Mb / 44P
A 13 mΩ, 5 A, Load Switch with Soft-start, Protection Features, and MOSFET Current Monitor Output
2-Feb-2022
SLG59M1713V RENESAS-SLG59M1713V Datasheet
1Mb / 30P
An Ultra-small, 4 mΩ, 2 A Load Switch with Multiple Protection Features
3-Feb-2022
SLG59M1714V RENESAS-SLG59M1714V Datasheet
725Kb / 21P
A Reverse-current Blocking, 15 mΩ, 4 A Load Switch with Analog Current Monitor Output
2-Feb-2022
SLG59M1657V RENESAS-SLG59M1657V Datasheet
588Kb / 19P
An Ultra-small 3 mm2, 8.4 mΩ, 4 A, 125 °C-Rated Internally-protected Load Switch
3-Feb-2022
SLG59M1658V RENESAS-SLG59M1658V Datasheet
525Kb / 15P
An Ultra-small 1.6 mm2, 17 mΩ, 2.5 A, 125°C-Rated Internally-protected Load Switch with Discharge
February 14, 2022
SLG59M1685C RENESAS-SLG59M1685C Datasheet
955Kb / 24P
A Low Power, 10 mΩ, 2 A, 0.82 mm2 WLCSP Load Switch with Multiple Protection Features
3-Feb-2022
SLG59M1709V RENESAS-SLG59M1709V Datasheet
709Kb / 21P
An Ultra-small, 4 mΩ, 4 A Load Switch with Multiple Protection Features
4-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com