Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1748C Datasheet (PDF) - Renesas Technology Corp

SLG59M1748C Datasheet PDF - Renesas Technology Corp
Part # SLG59M1748C
Download  SLG59M1748C Download
File Size   1031.69 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A Reverse Blocking 36 mΩ, 2.2 A pFET Load Switch in 0.64 mm2 WLCSP

SLG59M1748C Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1748C Datasheet PDF - Renesas Technology Corp

Part # SLG59M1748C
Download  SLG59M1748C Click to download

File Size   1031.69 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description A Reverse Blocking 36 mΩ, 2.2 A pFET Load Switch in 0.64 mm2 WLCSP

SLG59M1748C Datasheet (HTML) - Renesas Technology Corp


SLG59M1748C Product details

General Description
Operating from a 1.6 V to 5 V power supply, the
SLG59M1748C is a self-powered, high-performance, 36 mΩ
pFET load switch designed for high-side power-rail
applications up to 2.2 A. When ON, internal reverse-current
protection will quickly open the switch in the event of a
reverse-voltage condition is detected
(a VOUT > VIN + 32 mV condition opens the switch). When OFF,
the pFET’s internal body diode is connected to the higher
voltage of VIN/VOUT to prevent reverse-path leakage current.
The SLG59M1748C is an ideal pFET integrated load switch in
any application where two power sources are likely to be
multiplexed to one output.
Features
• Integrated 2.2 A Continuous IDS pFET Load Switch
• Low Typical RDSON:
• 36 mΩ at VIN = 5 V
• 46.9 mΩ at VIN = 3.3 V
• 58.9 mΩ at VIN = 2.5 V
• 100 mΩ at VIN = 1.6 V
• Input Voltage: 1.6 V to 5 V
• Operating Temperature: -40 °C to 85 °C
• Low θJA, 4-pin 0.8 mm x 0.8 mm, 0.4 mm pitch 4L WLCSP
Packaging
• Pb-Free / Halogen-Free / RoHS compliant




Similar Part No. - SLG59M1748C

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1748C DIALOG-SLG59M1748C Datasheet
627Kb / 20P
A Reverse Blocking 36 m廓, 2.2 A pFET Integrated Power Switch in 0.64 mm2 WLCSP
SLG59M1748CTR DIALOG-SLG59M1748CTR Datasheet
627Kb / 20P
A Reverse Blocking 36 m廓, 2.2 A pFET Integrated Power Switch in 0.64 mm2 WLCSP
More results


Similar Description - SLG59M1748C

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1693C DIALOG-SLG59M1693C Datasheet
751Kb / 22P
A 2 V, 17.4 m廓, 1.0 A pFET Integrated Power Switch with Discharge in a 0.56 mm2 WLCSP
SLG59M1748C DIALOG-SLG59M1748C Datasheet
627Kb / 20P
A Reverse Blocking 36 m廓, 2.2 A pFET Integrated Power Switch in 0.64 mm2 WLCSP
logo
Renesas Technology Corp
SLG59H1341 RENESAS-SLG59H1341 Datasheet
1Mb / 29P
A Reverse Blocking 70 mΩ, 1.3 A nFET Load Switch in 1.46 mm2 WLCSP
18-Jul-2022
SLG59H1342 RENESAS-SLG59H1342 Datasheet
1Mb / 24P
A Reverse Blocking 70 mΩ, 1.5 A nFET Load Switch in 1.46 mm2 WLCSP
27-Jan-2023
SLG59H1313C RENESAS-SLG59H1313C Datasheet
1Mb / 31P
A 23 mΩ, 4.5 A nFET Load Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP
2-Feb-2022
SLG59M1714V RENESAS-SLG59M1714V Datasheet
725Kb / 21P
A Reverse-current Blocking, 15 mΩ, 4 A Load Switch with Analog Current Monitor Output
2-Feb-2022
SLG59M1736C RENESAS-SLG59M1736C Datasheet
1Mb / 19P
An Ultra-small 33 mΩ, 2.2 A pFET Load Switch with Controlled Inrush Current
3-Feb-2022
SLG59M1563V RENESAS-SLG59M1563V Datasheet
469Kb / 14P
An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking
2-Feb-2022
SLG59M1685C RENESAS-SLG59M1685C Datasheet
955Kb / 24P
A Low Power, 10 mΩ, 2 A, 0.82 mm2 WLCSP Load Switch with Multiple Protection Features
3-Feb-2022
SLG5NT1586V RENESAS-SLG5NT1586V Datasheet
470Kb / 14P
An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking
7-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com