Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1736C Datasheet (PDF) - Renesas Technology Corp

SLG59M1736C Datasheet PDF - Renesas Technology Corp
Part # SLG59M1736C
Download  SLG59M1736C Download
File Size   1046.09 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small 33 mΩ, 2.2 A pFET Load Switch with Controlled Inrush Current

SLG59M1736C Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1736C Datasheet PDF - Renesas Technology Corp

Part # SLG59M1736C
Download  SLG59M1736C Click to download

File Size   1046.09 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small 33 mΩ, 2.2 A pFET Load Switch with Controlled Inrush Current

SLG59M1736C Datasheet (HTML) - Renesas Technology Corp


SLG59M1736C Product details

General Description
Operating from a 2.5 V to 5.5 V power supply, the
SLG59M1736C is a self-powered, high-performance 33 mΩ,
2.2 A single-channel pFET load switch with a controlled VIN
inrush current profile. The SLG59M1736C’s low supply current
and controlled VIN inrush current profile makes it an ideal
pFET load switch in small form-factor personal health monitor
and watch applications.
Using a proprietary MOSFET design, the SLG59M1736C
achieves a low RDSON across the entire input voltage range.
Through the application of Renesas’s proprietary CuFET
technology, the SLG59M1736C can be used in applications up
to 2.2 A with a very-small 0.64 mm2
WLCSP form factor.
Features
• Integrated 2.2 A Continuous IDS pFET Load Switch
• Low Typical RDSON:
• 33 mΩ at VIN = 5.5 V
• 45.1 mΩ at VIN = 3.3 V
• 56.1 mΩ at VIN = 2.5 V
• Input Voltage: 2.5 V to 5.5 V
• Low Typical No-load Supply Current: 0.1 µA
• Integrated VOUT Discharge Resistor
• Operating Temperature: -40 °C to 85 °C
• Low θJA, 4-pin 0.8 mm x 0.8 mm, 0.4 mm pitch 4L WLCSP




Similar Part No. - SLG59M1736C

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1736C DIALOG-SLG59M1736C Datasheet
601Kb / 16P
Integrated VOUT Discharge Resistor
SLG59M1736CTR DIALOG-SLG59M1736CTR Datasheet
601Kb / 16P
Integrated VOUT Discharge Resistor
More results


Similar Description - SLG59M1736C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59M1730C RENESAS-SLG59M1730C Datasheet
1Mb / 19P
An Ultra-small 33 mΩ, 1.0 A pFET Load Switch with Controlled Inrush Current Profile
February 14, 2022
SLG59M1746C RENESAS-SLG59M1746C Datasheet
1Mb / 33P
An Ultra-low Power, RDSON 17.6 mΩ, 1 A, 0.82 mm2 WLCSP Load Switch with Controlled Inrush Current
2-Feb-2022
SLG59M1717V RENESAS-SLG59M1717V Datasheet
1,004Kb / 26P
An Ultra-small, 4 mΩ, 5 A Load Switch with PG Output
3-Feb-2022
SLG5NT1458V RENESAS-SLG5NT1458V Datasheet
624Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
7-Feb-2022
SLG59M1440V RENESAS-SLG59M1440V Datasheet
629Kb / 15P
An Ultra-small 40 mΩ, 1 A, Load Switch with Discharge
3-Feb-2022
SLG59M1448V RENESAS-SLG59M1448V Datasheet
636Kb / 16P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
27-Oct-2022
SLG59M1545V RENESAS-SLG59M1545V Datasheet
606Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch
2-Feb-2022
SLG59M1563V RENESAS-SLG59M1563V Datasheet
469Kb / 14P
An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking
2-Feb-2022
SLG59M1598V RENESAS-SLG59M1598V Datasheet
608Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
2-Feb-2022
SLG5NT1586V RENESAS-SLG5NT1586V Datasheet
470Kb / 14P
An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking
7-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com