Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1746C Datasheet (PDF) - Renesas Technology Corp

SLG59M1746C Datasheet PDF - Renesas Technology Corp
Part # SLG59M1746C
Download  SLG59M1746C Download
File Size   1428.21 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-low Power, RDSON 17.6 mΩ, 1 A, 0.82 mm2 WLCSP Load Switch with Controlled Inrush Current

SLG59M1746C Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1746C Datasheet PDF - Renesas Technology Corp

Part # SLG59M1746C
Download  SLG59M1746C Click to download

File Size   1428.21 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-low Power, RDSON 17.6 mΩ, 1 A, 0.82 mm2 WLCSP Load Switch with Controlled Inrush Current

SLG59M1746C Datasheet (HTML) - Renesas Technology Corp


SLG59M1746C Product details

General Description
The SLG59M1746C is a high-performance 1 A capable,
single-channel load switch designed for high-side power
control applications up to 1 A. This feature-rich nFET load
switch has been optimized for all small form-factor, single-cell
Li-ion applications including smartphone, fitness bands, and
watches.
Operating from 2.7 V to 3.6 V supplies, the SLG59M1746C’s
RDSON is 17.6 mΩ and exhibits an input voltage range that
extends from 0.25 V to 1.5 V. The SLG59M1746C’s novel
nFET architecture achieves very low supply current operation,
controlled VIN inrush current profile, and world-class VIN range
to rival the performance of many general-purpose nFET and
pFET load switches on the market.
Using Renesas’s proprietary MOSFET IP, the SLG59M1746C
achieves a stable RDSON as a function of both the supply and
input voltages. Fully specified over the -40 °C to 85 °C
temperature range, this advanced nFET load switch is
available in 6-lead WLCSP measuring 0.71 mm x 1.16 mm x
0.5 mm with 0.35 mm pitch. The SLG59M1746C consumes
less than 1 µA after start up. There are no protection features
such as over temperature or over current shutdown, etc.
Features
• High-performance nFET Design:
• Low Typical RDSON: 17.6 mΩ
• Steady-state Operating Current: 1 A
• Small Inrush Current
• Very Low Supply current after startup: < 1µA
• Operating VDD Range: 2.7 V ≤ VDD ≤ 3.6 V
• Operating VIN Range: 0.25 V ≤ VIN ≤ 1.5 V
• Fast VOUT Discharge
• ON/OFF Control: Active HIGH
• Operating Temperature: -40 °C to 85 °C
• Pb-Free / Halogen-Free / RoHS compliant WLCSP
• 6 lead 0.71 mm x 1.16 mm, 0.35 mm pitch




Similar Part No. - SLG59M1746C

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1746C DIALOG-SLG59M1746C Datasheet
923Kb / 32P
An Ultra-low Power, RDSON 17.6 m廓, 1 A, 0.82 mm2 WLCSP Integrated Power Switch with Controlled Inrush Current
SLG59M1746CTR DIALOG-SLG59M1746CTR Datasheet
923Kb / 32P
An Ultra-low Power, RDSON 17.6 m廓, 1 A, 0.82 mm2 WLCSP Integrated Power Switch with Controlled Inrush Current
More results


Similar Description - SLG59M1746C

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1742C DIALOG-SLG59M1742C Datasheet
812Kb / 30P
An Ultra-low Power, RDSON 18 m廓, 1 A, 0.82 mm2 WLCSP Integrated Power Switch with 550 關s Total Turn-on Time
SLG59M1746C DIALOG-SLG59M1746C Datasheet
923Kb / 32P
An Ultra-low Power, RDSON 17.6 m廓, 1 A, 0.82 mm2 WLCSP Integrated Power Switch with Controlled Inrush Current
logo
Renesas Technology Corp
SLG59M1730C RENESAS-SLG59M1730C Datasheet
1Mb / 19P
An Ultra-small 33 mΩ, 1.0 A pFET Load Switch with Controlled Inrush Current Profile
February 14, 2022
SLG59M1736C RENESAS-SLG59M1736C Datasheet
1Mb / 19P
An Ultra-small 33 mΩ, 2.2 A pFET Load Switch with Controlled Inrush Current
3-Feb-2022
SLG59M1440V RENESAS-SLG59M1440V Datasheet
629Kb / 15P
An Ultra-small 40 mΩ, 1 A, Load Switch with Discharge
3-Feb-2022
SLG59M1558V RENESAS-SLG59M1558V Datasheet
567Kb / 15P
An Ultra-small 1.6 mm2, 28.5 mΩ, 1.0 A, Load Switch
2-Feb-2022
SLG59M1614V RENESAS-SLG59M1614V Datasheet
562Kb / 16P
An Ultra-small 3 mm2, 8.5 mΩ, 4 A, Internally-protected Load Switch
3-Feb-2022
SLG59M1685C RENESAS-SLG59M1685C Datasheet
955Kb / 24P
A Low Power, 10 mΩ, 2 A, 0.82 mm2 WLCSP Load Switch with Multiple Protection Features
3-Feb-2022
SLG59M301V RENESAS-SLG59M301V Datasheet
562Kb / 16P
An Ultra-small 3 mm2, 8.5 mΩ, 4 A, Internally-protected Load Switch
4-Feb-2022
SLG59M307V RENESAS-SLG59M307V Datasheet
531Kb / 14P
An Ultra-small 3 mm2, 7.8 mΩ, 4 A, Load Switch with Discharge
3-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com