Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M307V Datasheet (PDF) - Renesas Technology Corp

SLG59M307V Datasheet PDF - Renesas Technology Corp
Part # SLG59M307V
Download  SLG59M307V Download
File Size   531.3 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small 3 mm2, 7.8 mΩ, 4 A, Load Switch with Discharge

SLG59M307V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M307V Datasheet PDF - Renesas Technology Corp

Part # SLG59M307V
Download  SLG59M307V Click to download

File Size   531.3 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small 3 mm2, 7.8 mΩ, 4 A, Load Switch with Discharge

SLG59M307V Datasheet (HTML) - Renesas Technology Corp


SLG59M307V Product details

General Description
The SLG59M307V is a 7.8 mΩ, 4 A single-channel load switch
that is able to switch 0.85 V to 5.5 V power rails. The product
is packaged in an ultra-small 1.5 x 2.0 mm package.
Features
• 1.5 x 2.0 mm FC-TDFN package (2 fused pins for drain
and 2 fused pins for source)
• Logic level ON pin capable of supporting 0.85 V CMOS
Logic
• User selectable ramp rate with external capacitor
• 7.8 mW RDSON while supporting 4 A
• Discharges load when off
• Pb-Free / Halogen-Free / RoHS compliant
• Operating Temperature: -20 °C to 70°C
• Operating Voltage: 1.5 V to 5.5 V




Similar Part No. - SLG59M307V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M307V DIALOG-SLG59M307V Datasheet
121Kb / 10P
Ultra-small 7.8 m廓 4 A Load Switch with Discharge
SLG59M307VTR DIALOG-SLG59M307VTR Datasheet
121Kb / 10P
Ultra-small 7.8 m廓 4 A Load Switch with Discharge
More results


Similar Description - SLG59M307V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NV1430V DIALOG-SLG5NV1430V Datasheet
117Kb / 10P
Ultra-small 7.8 m廓 4 A Load Switch with Discharge
logo
Renesas Technology Corp
SLG5NT1432V RENESAS-SLG5NT1432V Datasheet
295Kb / 11P
Ultra-small 7.8 mW 4 A Load Switch with Discharge
February 7, 2022
SLG5NT1458V RENESAS-SLG5NT1458V Datasheet
624Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
7-Feb-2022
SLG59M1440V RENESAS-SLG59M1440V Datasheet
629Kb / 15P
An Ultra-small 40 mΩ, 1 A, Load Switch with Discharge
3-Feb-2022
SLG59M1448V RENESAS-SLG59M1448V Datasheet
636Kb / 16P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
27-Oct-2022
SLG59M1457V RENESAS-SLG59M1457V Datasheet
539Kb / 15P
An Ultra-small 3 mm2, 7.8 mΩ, 6 A, Internally-protected Load Switch with Discharge
3-Feb-2022
SLG59M1558V RENESAS-SLG59M1558V Datasheet
567Kb / 15P
An Ultra-small 1.6 mm2, 28.5 mΩ, 1.0 A, Load Switch
2-Feb-2022
SLG59M1598V RENESAS-SLG59M1598V Datasheet
608Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
2-Feb-2022
SLG59M1614V RENESAS-SLG59M1614V Datasheet
562Kb / 16P
An Ultra-small 3 mm2, 8.5 mΩ, 4 A, Internally-protected Load Switch
3-Feb-2022
SLG59M301V RENESAS-SLG59M301V Datasheet
562Kb / 16P
An Ultra-small 3 mm2, 8.5 mΩ, 4 A, Internally-protected Load Switch
4-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com