Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5503PRCB Datasheet (PDF) - Renesas Technology Corp

HC5503PRCB Datasheet PDF - Renesas Technology Corp
Part # HC5503PRCB
Download  HC5503PRCB Download
File Size   633.49 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Cost SLIC For Large Telecom Switches

HC5503PRCB Datasheet (PDF)

Go To PDF Page Download Datasheet
HC5503PRCB Datasheet PDF - Renesas Technology Corp

Part # HC5503PRCB
Download  HC5503PRCB Click to download

File Size   633.49 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Cost SLIC For Large Telecom Switches

HC5503PRCB Datasheet (HTML) - Renesas Technology Corp


HC5503PRCB Product details

Features
• Wide Operating Battery Range (-40V to -58V)
• Single Additional +5V Supply
• 30mA Short Loop Current Limit
• Ring Relay Driver
• Switch Hook and Ring Trip Detect
• Low On-Hook Power Consumption
• On-Hook Transmission
• ITU-T Longitudinal Balance Performance
• Loop Power Denial Function
• Thermal Protection
• Supports Tip, Ring or Balanced Ringing Schemes
• Low Profile SO and QFN Surface Mount Packaging
• Pb-free Available
Applications
• Central Office, PBX, Call Centers
• Related Literature
- AN571, Using Ring Sync with HC-5502A and HC-5504
SLICs




Similar Part No. - HC5503PRCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
106Kb / 9P
Low Cost SLIC For Large Telecom Switches
December 1999
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
257Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
260Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
HC5503PRCBZ INTERSIL-HC5503PRCBZ Datasheet
257Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
HC5503PRCBZ INTERSIL-HC5503PRCBZ Datasheet
260Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
More results


Similar Description - HC5503PRCB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
Low-Cost Ringing SLIC
October 2001
logo
Clare, Inc.
TS120 CLARE-TS120 Datasheet
121Kb / 8P
Multifunction Telecom Switches
logo
Intersil Corporation
HC5503PRC INTERSIL-HC5503PRC Datasheet
106Kb / 9P
Low Cost SLIC For Large Telecom Switches
December 1999
HC5503PRI INTERSIL-HC5503PRI Datasheet
279Kb / 8P
Low Cost SLIC For Large Telecom Switches
November 2, 2004
HC5503 INTERSIL-HC5503 Datasheet
774Kb / 17P
Low Cost 24V SLIC For PABX / Key Systems
June 2004
logo
List of Unclassifed Man...
AG1110 ETC1-AG1110 Datasheet
437Kb / 10P
LOW COST SLIC
logo
Intersil Corporation
HC5503PRC INTERSIL-HC5503PRC_04 Datasheet
257Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
260Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
logo
Silver Telecom 2019
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
LOW COST SLIC
logo
Renesas Technology Corp
HC5503 RENESAS-HC5503 Datasheet
846Kb / 17P
Low Cost 24V SLIC For PABX/Key Systems
June 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com