Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5503PRCB Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HC5503PRCB
Description  Low Cost SLIC For Large Telecom Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503PRCB Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HC5503PRCB Datasheet HTML 3Page - Renesas Technology Corp HC5503PRCB Datasheet HTML 4Page - Renesas Technology Corp HC5503PRCB Datasheet HTML 5Page - Renesas Technology Corp HC5503PRCB Datasheet HTML 6Page - Renesas Technology Corp HC5503PRCB Datasheet HTML 7Page - Renesas Technology Corp HC5503PRCB Datasheet HTML 8Page - Renesas Technology Corp HC5503PRCB Datasheet HTML 9Page - Renesas Technology Corp HC5503PRCB Datasheet HTML 10Page - Renesas Technology Corp HC5503PRCB Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HC5503PRC
FN4806 Rev.3.00
Page 8 of 11
June 2004
SLIC FUNCTIONAL SCHEMATIC
SOIC PIN NUMBERS SHOWN
VB2
VB1
VB2
VB3
VB4
VB5
5V
IB1 IB2 IB3 IB4 IB5 IB6 IB7 IB8
VBAT
IB9 IB10 IB11
VB+
VB+
A-100
TRANSV’L
I/V AMP
-
+
IB6
R6
R5
R11
VB+
R7
R8
R10
R9
R22
R23
R3
R4
R1
R2
R16
R15
VBAT
VBAT
R12
VBAT
VB+
A-200
LONG’L
I/V AMP
IB7
-
+
R20
VBAT
VB+
A-400
TIP FEED
AMP
IB4
-
+
RING
FEED
SENSE
VBAT
VBAT
5V
VB4
IB8
RING TRIP DETECTOR
+
SWITCH HOOK
VB1
IB6
+
R18
DETECTOR
VB+
QD28
QD27
VBAT
-
+
-
GND SHORTS
CURRENT
LIMITING
IB1
VB3
THERMAL
LIMITING
VB5
STTL
AND LOGIC
INTERFACE
RFC
SH
GK
VB5
-
+
IB2
LOAD CURRENT
LIMITING
R14
R13
VBAT
VBAT/2 REFERENCE
R21
VBAT
A-300
RING FEED
AMP
IB5
-
+
RING
RF
TIP
TF
10
2
3
1
9
RX
C2
VBAT
BAT
ANA
DIG
VB+
GND
GND
GND
21
22
11
12
23
6
4
+
-
OUT
20
19
18
A-500
OP AMP
VBAT
IB3
VB+
VB+
5V IB10
VBAT
PD
15
RC
SHD
NC
NC
16
13
17
14
TX
C1
RS
RD
8
7
24
5
R17
VB2
VB+
R19
VBAT
QD3 QD36
VOLTAGE AND CURRENT
BIAS NETWORK



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com