Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5526 Datasheet (PDF) - Renesas Technology Corp

HC5526 Datasheet PDF - Renesas Technology Corp
Part # HC5526
Download  HC5526 Download
File Size   993.09 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ITU CO/PABX SLIC with Low Power Standby

HC5526 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC5526 Datasheet PDF - Renesas Technology Corp

Part # HC5526
Download  HC5526 Click to download

File Size   993.09 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ITU CO/PABX SLIC with Low Power Standby

HC5526 Datasheet (HTML) - Renesas Technology Corp


HC5526 Product details

Features
• DI Monolithic High Voltage Process
• Programmable Current Feed . . . . . . . . . . 20mA to 60mA
• Programmable Loop Current Detector Threshold and
Battery Feed Characteristics
• Ground Key and Ring Trip Detection
• Compatible with Ericsson’s PBL3764
• Thermal Shutdown
• On-Hook Transmission
• Wide Battery Voltage Range . . . . . . . . . . . . . -24V to -58V
• Low Standby Power
• Meets CCITT Transmission Requirements
• Ambient Temperature Range. . . . . . . . . . . -40oC to 85oC
Applications
• On-Premises (ONS)
• Key Systems
• PBX
• Related Literature
- AN9537, Operation of the HC5513/26 Evaluation Board




Similar Part No. - HC5526

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5526 INTERSIL-HC5526 Datasheet
176Kb / 18P
ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5526 INTERSIL-HC5526 Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC5526CM INTERSIL-HC5526CM Datasheet
176Kb / 18P
ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5526CM INTERSIL-HC5526CM Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC5526CP INTERSIL-HC5526CP Datasheet
176Kb / 18P
ITU CO/PABX SLIC with Low Power Standby
October 1998
More results


Similar Description - HC5526

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC5515 INTERSIL-HC5515 Datasheet
170Kb / 17P
ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5526 INTERSIL-HC5526 Datasheet
176Kb / 18P
ITU CO/PABX SLIC with Low Power Standby
October 1998
HC-5504B INTERSIL-HC-5504B_04 Datasheet
222Kb / 9P
EIA/ITU PABX SLIC with 40mA Loop Feed
July 2004
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC5515 INTERSIL-HC5515_06 Datasheet
461Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
June 6, 2006
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com