Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5515 Datasheet (PDF) - Intersil Corporation

HC5515 Datasheet PDF - Intersil Corporation
Part # HC5515
Download  HC5515 Download
File Size   170.85 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ITU CO/PABX SLIC with Low Power Standby

HC5515 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC5515 Datasheet PDF - Intersil Corporation

Part # HC5515
Download  HC5515 Click to download

File Size   170.85 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ITU CO/PABX SLIC with Low Power Standby

HC5515 Datasheet (HTML) - Intersil Corporation


HC5515 Product details

The HC5515 is a subscriber line interface circuit which is interchangeable with Ericsson’s PBL3860 for distributed central office applications. Enhancements include immunity to circuit latch-up during hot plug and absence of false signaling in the presence of longitudinal currents.

Features
• DI Monolithic High Voltage Process
• Programmable Current Feed (20mA to 60mA)
• Programmable Loop Current Detector Threshold and Battery Feed Characteristics
• Ring Trip Detection
• Compatible with Ericsson’s PBL3860
• Thermal Shutdown
• On-Hook Transmission
• Wide Battery Voltage Range (-24V to -58V)
• Low Standby Power
• -40oC to 85oC Ambient Temperature Range

Applications
• Digital Loop Carrier Systems
• Pair Gain
• Fiber-In-The-Loop ONUs
• POTS
• Wireless Local Loop
• PABX
• Hybrid Fiber Coax
• Related Literature
    - AN9632, Operation of the HC5523/15 Evaluation Board




Similar Part No. - HC5515

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5515 INTERSIL-HC5515 Datasheet
461Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
June 6, 2006
HC55150 INTERSIL-HC55150 Datasheet
382Kb / 35P
Low Power Universal SLIC Family
June 2000
HC55150 INTERSIL-HC55150 Datasheet
692Kb / 36P
Low Power Universal SLIC Family
June 1, 2006
logo
Renesas Technology Corp
HC55150 RENESAS-HC55150 Datasheet
1Mb / 36P
Low Power UniSLIC14 Family
logo
Intersil Corporation
HC55150CB INTERSIL-HC55150CB Datasheet
382Kb / 35P
Low Power Universal SLIC Family
June 2000
More results


Similar Description - HC5515

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC5526 INTERSIL-HC5526 Datasheet
176Kb / 18P
ITU CO/PABX SLIC with Low Power Standby
October 1998
HC-5504B INTERSIL-HC-5504B_04 Datasheet
222Kb / 9P
EIA/ITU PABX SLIC with 40mA Loop Feed
July 2004
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC5515 INTERSIL-HC5515_06 Datasheet
461Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
June 6, 2006
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com