Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5549 Datasheet (PDF) - Renesas Technology Corp

HC5549 Datasheet PDF - Renesas Technology Corp
Part # HC5549
Download  HC5549 Download
File Size   694.97 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power SLIC with Battery Switch

HC5549 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC5549 Datasheet PDF - Renesas Technology Corp

Part # HC5549
Download  HC5549 Click to download

File Size   694.97 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power SLIC with Battery Switch

HC5549 Datasheet (HTML) - Renesas Technology Corp


HC5549 Product details

Features
• Dual Battery Operation
• Single Additional +5V Supply
• Low Standby Power Consumption (48V, 35mW)
• On Hook Transmission
• Tip and Ring Disconnect
• Soft or Hard Polarity Reversal
• Supports 12kHz or 16kHz Pulse Metering
• Ring Relay Driver
• On Chip 2-wire AC/DC Loopback
• 0°C to 70°C or -40°C to 85°C Ambient Temp Range
• Low External Component Count
• Pb-Free Available (RoHS Compliant)
Applications
• ISDN NT1+ Terminals
• Pairgain Remote Termination
• PABX and Key Systems
Related Literature
• AC SPICE Macromodel




Similar Part No. - HC5549

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5549 INTERSIL-HC5549 Datasheet
87Kb / 13P
Low Power SLIC with Battery Switch
January 1999
HC5549 INTERSIL-HC5549 Datasheet
293Kb / 13P
Low Power SLIC with Battery Switch
HC5549 INTERSIL-HC5549 Datasheet
296Kb / 13P
Low Power SLIC with Battery Switch
October 21, 2004
HC5549CM INTERSIL-HC5549CM Datasheet
87Kb / 13P
Low Power SLIC with Battery Switch
January 1999
HC5549CM INTERSIL-HC5549CM Datasheet
293Kb / 13P
Low Power SLIC with Battery Switch
More results


Similar Description - HC5549

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
logo
Agere Systems
L7554 AGERE-L7554 Datasheet
486Kb / 28P
L7554 Low-Power SLIC
March 1997
L7556 AGERE-L7556 Datasheet
700Kb / 28P
Low-Power SLICs with Battery Switch
January 2000
L7585F AGERE-L7585F Datasheet
441Kb / 22P
Full-Feature,Low-Power SLIC and Switch
September 2001
L7585G AGERE-L7585G Datasheet
446Kb / 22P
Full-Feature,Low-Power SLIC and Switch
September 2001
L8560 AGERE-L8560 Datasheet
842Kb / 46P
Low-Power SLIC with Ringing
April 2000
logo
Intersil Corporation
HC5549 INTERSIL-HC5549 Datasheet
87Kb / 13P
Low Power SLIC with Battery Switch
January 1999
logo
Sipex Corporation
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
logo
Intersil Corporation
HC5549 INTERSIL-HC5549_04 Datasheet
293Kb / 13P
Low Power SLIC with Battery Switch
HC5549CM INTERSIL-HC5549CM Datasheet
296Kb / 13P
Low Power SLIC with Battery Switch
October 21, 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com