Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP690A Datasheet (PDF) - Sipex Corporation

SP690A Datasheet PDF - Sipex Corporation
Part # SP690A
Download  SP690A Download
File Size   631.7 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Power Microprocessor Supervisory with Battery Switch-Over

SP690A Datasheet (PDF)

Go To PDF Page Download Datasheet
SP690A Datasheet PDF - Sipex Corporation

Part # SP690A
Download  SP690A Click to download

File Size   631.7 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Power Microprocessor Supervisory with Battery Switch-Over

SP690A Datasheet (HTML) - Sipex Corporation


SP690A Product details

DESCRIPTION

The SP690A/692A/802L/802M/805L/805M are a family of microprocessor (µP) supervisory circuits that integrate a myriad of components involved in discrete solutions to monitor power supply and battery-control functions in µP and digital systems.



FEATURES

■Precision Voltage Monitor:

   SP690A/SP802L/SP805L at 4.65V

   SP692A/SP802M/SP805M at 4.40V

■Reset Time Delay - 200ms

■Watchdog Timer - 1.6 sec timeout

■Minimum component count

■60µA Maximum Operating Supply Current

■0.6µA Maximum Battery Backup Current

■0.1µA Maximum Battery Standby Current

■Power Switching

   250mA Output in VCC Mode (0.6Ω)

   25mA Output in Battery Mode (5Ω)

■Voltage Monitor for Power Fail or Low Battery Warning

■Available in 8 pin SO and DIP packages

■RESET asserted down to VCC = 1V

■Pin Compatible Upgrades to MAX690A/692A/802L/802M/805L



APPLICATIONS

■Critical µP Power Monitoring

■Intellegent Instruments

■Computers

■Controllers




Similar Part No. - SP690A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
411Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
logo
Exar Corporation
SP690A EXAR-SP690A Datasheet
406Kb / 16P
Low Power Microprocessor Supervisory
logo
Sipex Corporation
SP690ACN SIPEX-SP690ACN Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690ACN SIPEX-SP690ACN Datasheet
411Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Similar Description - SP690A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690T SIPEX-SP690T Datasheet
233Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A_04 Datasheet
411Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A_05 Datasheet
242Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com