Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP791 Datasheet (PDF) - Sipex Corporation

SP791 Datasheet PDF - Sipex Corporation
Part # SP791
Download  SP791 Download
File Size   202.8 Kbytes
Page   19 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Power Microprocessor Supervisory with Battery Switch-Over

SP791 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP791 Datasheet PDF - Sipex Corporation

Part # SP791
Download  SP791 Click to download

File Size   202.8 Kbytes
Page   19 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Power Microprocessor Supervisory with Battery Switch-Over

SP791 Datasheet (HTML) - Sipex Corporation


SP791 Product details

DESCRIPTION
The SP791 is a microprocessor (µP) supervisory circuit that integrates a myriad of components involved in discrete solutions to monitor power-supply and battery-control functions in µP and digital systems. The SP791 offers complete µP monitoring and watchdog functions. The SP791 is ideal for a low-cost battery management solution and is well suited for portable, battery-powered applications with its supply current of 40µA. The 6ns chip-enable propagation delay, the 25mA current output in battery-backup mode, and the 250mA current output in standard operation also makes the SP791 suitable for larger scale, high-performance equipment.

■ Precision 4.65V Voltage Monitoring
■ 200ms Power-OK/Reset Time Delay
■ Independent Watchdog Time-Preset or Adjustable
■ 75µA Maximum Operating Supply Current
■ 1.0µA Maximum Battery Backup Current
■ 0.1µA Maximum Battery Standby Current
■ Power Switching
    250mA Output in Vcc Mode (0.6Ω)
    25mA Output in Battery Mode (5Ω)
■ On-Board Gating of Chip-Enable Signals Memory Write-Cycle Completion 6ns CE Gate Propagation Delay
■ Voltage Monitor for Power-Fail or Low Battery
■ Backup-Battery Monitor
■ RESET Valid to Vcc=1V
■ Pin Compatible Upgrade to MAX791




Similar Part No. - SP791

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
219Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
logo
Exar Corporation
SP791 EXAR-SP791 Datasheet
219Kb / 19P
Low Power Microprocessor Supervisory
logo
Sipex Corporation
SP791CN SIPEX-SP791CN Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
logo
Exar Corporation
SP791CN EXAR-SP791CN Datasheet
219Kb / 19P
Low Power Microprocessor Supervisory
More results


Similar Description - SP791

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T Datasheet
233Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A_04 Datasheet
411Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A_05 Datasheet
242Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com