Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP703 Datasheet (PDF) - Sipex Corporation

SP703 Datasheet PDF - Sipex Corporation
Part # SP703
Download  SP703 Download
File Size   216.29 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Power Microprocessor Supervisory with Battery Switch-Over

SP703 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP703 Datasheet PDF - Sipex Corporation

Part # SP703
Download  SP703 Click to download

File Size   216.29 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Power Microprocessor Supervisory with Battery Switch-Over

SP703 Datasheet (HTML) - Sipex Corporation


SP703 Product details

DESCRIPTION
The SP703/704 devices are microprocessor (µP) supervisory circuits that integrate a myriad of components involved in discrete solutions to monitor power-supply and battery-control functions in µP and digital systems. The series will significantly improve system reliability and operational efficiency when compared to discrete solutions. The features of the SP703/704 devices include a manual reset input, a µP reset and backup-battery switchover, and power-failure warning. The series is ideal for applications in computers, controllers, intelligent instruments and automotive systems. All designs where it is critical to monitor the power supply to the µP and its related digital components will find the series to be an ideal solution.

■ Precision Voltage Monitor:
    SP703 at 4.65V
    SP704 at 4.40V
■ Reset Time Delay - 200ms
■ Debounced TTL/CMOS - Compatible Manual - Reset Input
■ Minimum component count
■ 60µA Maximum Operating Supply Current
■ 0.6µA Maximum Battery Backup Current
■ 0.1µA Maximum Battery Standby Current
■ Power Switching
    250mA Output in VCC Mode (0.6Ω)
    25mA Output in Battery Mode (5Ω)
■ Voltage Monitor for Power Fail or Low Battery Warning
■ Available in 8 pin SO and DIP packages
■ RESET asserted down to VCC = 1V
■ Pin Compatible Upgrades to MAX703/MAX704




Similar Part No. - SP703

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP703CN SIPEX-SP703CN Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP703CP SIPEX-SP703CP Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP703EN SIPEX-SP703EN Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP703EP SIPEX-SP703EP Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Similar Description - SP703

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T Datasheet
233Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A_04 Datasheet
411Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A_05 Datasheet
242Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com