Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP690T Datasheet (PDF) - Sipex Corporation

SP690T Datasheet PDF - Sipex Corporation
Part # SP690T
Download  SP690T Download
File Size   233.16 Kbytes
Page   20 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over

SP690T Datasheet (PDF)

Go To PDF Page Download Datasheet
SP690T Datasheet PDF - Sipex Corporation

Part # SP690T
Download  SP690T Click to download

File Size   233.16 Kbytes
Page   20 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over

SP690T Datasheet (HTML) - Sipex Corporation


SP690T Product details

DESCRIPTION

The SP690T/S/R, SP802T/S/R, SP804T/S/R and SP805T/S/R devices are a family of microprocessor (µP) supervisory circuits that integrate a myriad of components involved in discrete solutions to monitor power-supply and battery-control functions in µP and digital systems. The series will significantly improve system reliability and operational efficiency when compared to discrete solutions.



■RESET and RESET Outputs

■Reset asserted down to VCC = 1V

■Reset Time Delay - 200ms

■Watchdog Timer - 1.6 sec timeout

■ 40µA Maximum VCC Supply Current

■ 1µA Maximum Battery Supply Current

■ Power Switching

    50mA Output in VCCMode (1.5Ω)

    10mA Output in Battery Mode (15Ω)

■Battery Can Exceed VCC in Normal Operation

■Precision Voltage Monitor for Power-Fail or Low-Battery Warning

■Available in 8 pin SO and DIP packages

■Pin Compatible Upgrades to

   MAX690T/S/R, MAX802T/S/R, MAX804T/S/R, MAX805T/S/R




Similar Part No. - SP690T

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690T SIPEX-SP690T Datasheet
233Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T/805T SIPEX-SP690T/805T Datasheet
223Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T/S/R SIPEX-SP690T/S/R Datasheet
216Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP690TCN SIPEX-SP690TCN Datasheet
233Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP690TCN SIPEX-SP690TCN Datasheet
216Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Similar Description - SP690T

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T Datasheet
233Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T_06 Datasheet
216Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP690SEN-L SIPEX-SP690SEN-L Datasheet
223Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com