Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS109D Datasheet (PDF) - Renesas Technology Corp

HCS109D Datasheet PDF - Renesas Technology Corp
Part # HCS109D
Download  HCS109D Download
File Size   403.73 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Dual JK Flip Flop

HCS109D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS109D Datasheet PDF - Renesas Technology Corp

Part # HCS109D
Download  HCS109D Click to download

File Size   403.73 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Dual JK Flip Flop

HCS109D Datasheet (HTML) - Renesas Technology Corp


HCS109D Product details

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Cosmic Ray Upset Immunity < 2 x 10-9 Errors/Bit-Day
(Typ)
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii  5A at VOL, VOH




Similar Part No. - HCS109D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS109D INTERSIL-HCS109D Datasheet
171Kb / 9P
Radiation Hardened Dual JK Flip Flop
September 1995
HCS109DMSR INTERSIL-HCS109DMSR Datasheet
171Kb / 9P
Radiation Hardened Dual JK Flip Flop
September 1995
More results


Similar Description - HCS109D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4027B PHILIPS-HEF4027B Datasheet
64Kb / 5P
Dual JK flip-flop
January 1995
logo
Intersil Corporation
HCS109MS INTERSIL-HCS109MS Datasheet
171Kb / 9P
Radiation Hardened Dual JK Flip Flop
September 1995
HCS112MS INTERSIL-HCS112MS Datasheet
180Kb / 9P
Radiation Hardened Dual JK Flip-Flop
September 1995
HCTS109MS INTERSIL-HCTS109MS Datasheet
170Kb / 9P
Radiation Hardened Dual JK Flip Flop
September 1995
HCTS109T INTERSIL-HCTS109T Datasheet
121Kb / 3P
Radiation Hardened Dual JK Flip Flop
July 1999
HCTS112MS INTERSIL-HCTS112MS Datasheet
180Kb / 10P
Radiation Hardened Dual JK Flip-Flop
September 1995
logo
Integral Corp.
IW4027B INTEGRAL-IW4027B Datasheet
48Kb / 6P
Dual JK Flip-Flop
logo
KODENSHI_AUK CORP.
KK4027B KODENSHI-KK4027B Datasheet
232Kb / 6P
Dual JK Flip-Flop
logo
NXP Semiconductors
HEF4027B NXP-HEF4027B Datasheet
83Kb / 13P
Dual JK flip-flop
Rev. 05-10 November 2008
logo
Nexperia B.V. All right...
HEF4027B NEXPERIA-HEF4027B Datasheet
220Kb / 11P
Dual JK flip-flop
Rev. 11 - 7 December 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com