Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS109D Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HCS109D
Description  Radiation Hardened Dual JK Flip Flop
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS109D Datasheet(HTML) 1 Page - Renesas Technology Corp

  HCS109D Datasheet HTML 1Page - Renesas Technology Corp HCS109D Datasheet HTML 2Page - Renesas Technology Corp HCS109D Datasheet HTML 3Page - Renesas Technology Corp HCS109D Datasheet HTML 4Page - Renesas Technology Corp HCS109D Datasheet HTML 5Page - Renesas Technology Corp HCS109D Datasheet HTML 6Page - Renesas Technology Corp HCS109D Datasheet HTML 7Page - Renesas Technology Corp HCS109D Datasheet HTML 8Page - Renesas Technology Corp HCS109D Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN2466 Rev 2.00
Page 1 of 9
September 1995
FN2466
Rev 2.00
September 1995
HCS109MS
Radiation Hardened Dual JK Flip Flop
DATASHEET
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Cosmic Ray Upset Immunity < 2 x 10-9 Errors/Bit-Day
(Typ)
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii
 5A at VOL, VOH
Description
The Intersil HCS109MS is a Radiation Hardened Dual JK
Flip Flop with set and reset. The flip flop changes state with
the positive transition of the clock (CP1 or CP2).
The HCS109MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS109MS is supplied in a 16 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T16, LEAD FINISH C
TOP VIEW
16 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F16, LEAD FINISH C
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
R1
J1
K1
CP1
S1
Q1
GND
Q1
VCC
J2
K2
CP2
S2
Q2
Q2
R2
R1
J1
K1
CP1
S1
Q1
Q1
GND
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
VCC
R2
J2
K2
CP2
S2
Q2
Q2
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCS109DMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead SBDIP
HCS109KMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead Ceramic Flatpack
HCS109D/Sample
+25oC
Sample
16 Lead SBDIP
HCS109K/Sample
+25oC
Sample
16 Lead Ceramic Flatpack
HCS109HMSR
+25oCDie
Die


Similar Part No. - HCS109D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS109D INTERSIL-HCS109D Datasheet
171Kb / 9P
Radiation Hardened Dual JK Flip Flop
September 1995
HCS109DMSR INTERSIL-HCS109DMSR Datasheet
171Kb / 9P
Radiation Hardened Dual JK Flip Flop
September 1995
More results

Similar Description - HCS109D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4027B PHILIPS-HEF4027B Datasheet
64Kb / 5P
Dual JK flip-flop
January 1995
logo
Intersil Corporation
HCS109MS INTERSIL-HCS109MS Datasheet
171Kb / 9P
Radiation Hardened Dual JK Flip Flop
September 1995
HCS112MS INTERSIL-HCS112MS Datasheet
180Kb / 9P
Radiation Hardened Dual JK Flip-Flop
September 1995
HCTS109MS INTERSIL-HCTS109MS Datasheet
170Kb / 9P
Radiation Hardened Dual JK Flip Flop
September 1995
HCTS109T INTERSIL-HCTS109T Datasheet
121Kb / 3P
Radiation Hardened Dual JK Flip Flop
July 1999
HCTS112MS INTERSIL-HCTS112MS Datasheet
180Kb / 10P
Radiation Hardened Dual JK Flip-Flop
September 1995
logo
Integral Corp.
IW4027B INTEGRAL-IW4027B Datasheet
48Kb / 6P
Dual JK Flip-Flop
logo
KODENSHI_AUK CORP.
KK4027B KODENSHI-KK4027B Datasheet
232Kb / 6P
Dual JK Flip-Flop
logo
NXP Semiconductors
HEF4027B NXP-HEF4027B Datasheet
83Kb / 13P
Dual JK flip-flop
Rev. 05-10 November 2008
logo
Nexperia B.V. All right...
HEF4027B NEXPERIA-HEF4027B Datasheet
220Kb / 11P
Dual JK flip-flop
Rev. 11 - 7 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com