Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS151D Datasheet (PDF) - Renesas Technology Corp

HCS151D Datasheet PDF - Renesas Technology Corp
Part # HCS151D
Download  HCS151D Download
File Size   419.3 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 8-Input Multiplexer

HCS151D Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS151D Datasheet PDF - Renesas Technology Corp

Part # HCS151D
Download  HCS151D Click to download

File Size   419.3 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 8-Input Multiplexer

HCS151D Datasheet (HTML) - Renesas Technology Corp


HCS151D Product details

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Cosmic Ray Upset Immunity 2 x 10-9 Error/Gate Day
(Typ)
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii  5A at VOL, VOH




Similar Part No. - HCS151D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS151D INTERSIL-HCS151D Datasheet
175Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
HCS151DMSR INTERSIL-HCS151DMSR Datasheet
175Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
More results


Similar Description - HCS151D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS151MS INTERSIL-ACS151MS Datasheet
48Kb / 2P
Radiation Hardened 8-Input Multiplexer
November 1997
ACS157MS INTERSIL-ACS157MS Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input Non-Inverting Multiplexer
December 1997
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
Radiation Hardened 8-Input NAND Gate
July 1999
HCS151MS INTERSIL-HCS151MS Datasheet
175Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
HCS253MS INTERSIL-HCS253MS Datasheet
178Kb / 10P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
HCTS153MS INTERSIL-HCTS153MS Datasheet
138Kb / 10P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
Radiation Hardened 8-Input NAND Gate
August 1995
HS-82C12RH INTERSIL-HS-82C12RH_00 Datasheet
67Kb / 6P
Radiation Hardened 8-Bit Input/Output Port
August 2000
logo
Renesas Technology Corp
HCTS153MS RENESAS-HCTS153MS Datasheet
406Kb / 9P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
Radiation Hardened 8-Input NAND Gate
August 1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com