Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS151D Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HCS151D
Description  Radiation Hardened 8-Input Multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS151D Datasheet(HTML) 1 Page - Renesas Technology Corp

  HCS151D Datasheet HTML 1Page - Renesas Technology Corp HCS151D Datasheet HTML 2Page - Renesas Technology Corp HCS151D Datasheet HTML 3Page - Renesas Technology Corp HCS151D Datasheet HTML 4Page - Renesas Technology Corp HCS151D Datasheet HTML 5Page - Renesas Technology Corp HCS151D Datasheet HTML 6Page - Renesas Technology Corp HCS151D Datasheet HTML 7Page - Renesas Technology Corp HCS151D Datasheet HTML 8Page - Renesas Technology Corp HCS151D Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN3077 Rev 1.00
Page 1 of 9
September 1995
FN3077
Rev 1.00
September 1995
HCS151MS
Radiation Hardened 8-Input Multiplexer
DATASHEET
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Cosmic Ray Upset Immunity 2 x 10-9 Error/Gate Day
(Typ)
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii
 5A at VOL, VOH
Description
The Intersil HCS151MS is a Radiation Hardened 8-Input
Multiplexer having three binary control inputs (S0, S1, S2)
and an active low enable (E) input. The three binary signals
select one of eight channels. Outputs are both inverting and
non-inverting.
The HCS151MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS151MS is supplied in a 16 lead Ceramic flatpack (K
suffix) or a SBDIP Package (D suffix).
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T16
TOP VIEW
16 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F16
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
I3
I2
I1
I0
Y
Y
GND
E
VCC
I5
I6
I7
S0
S1
S2
I4
I3
I2
I1
I0
Y
Y
GND
E
VCC
I5
I6
I7
S0
S1
S2
I4
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCS151DMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead SBDIP
HCS151KMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead Ceramic Flatpack
HCS151D/Sample
+25oC
Sample
16 Lead SBDIP
HCS151K/Sample
+25oC
Sample
16 Lead Ceramic Flatpack
HCS151HMSR
+25oCDie
Die


Similar Part No. - HCS151D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS151D INTERSIL-HCS151D Datasheet
175Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
HCS151DMSR INTERSIL-HCS151DMSR Datasheet
175Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
More results

Similar Description - HCS151D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS151MS INTERSIL-ACS151MS Datasheet
48Kb / 2P
Radiation Hardened 8-Input Multiplexer
November 1997
ACS157MS INTERSIL-ACS157MS Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input Non-Inverting Multiplexer
December 1997
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
Radiation Hardened 8-Input NAND Gate
July 1999
HCS151MS INTERSIL-HCS151MS Datasheet
175Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
HCS253MS INTERSIL-HCS253MS Datasheet
178Kb / 10P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
HCTS153MS INTERSIL-HCTS153MS Datasheet
138Kb / 10P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
Radiation Hardened 8-Input NAND Gate
August 1995
HS-82C12RH INTERSIL-HS-82C12RH_00 Datasheet
67Kb / 6P
Radiation Hardened 8-Bit Input/Output Port
August 2000
logo
Renesas Technology Corp
HCTS153MS RENESAS-HCTS153MS Datasheet
406Kb / 9P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
Radiation Hardened 8-Input NAND Gate
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com