Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT77V011 Datasheet (PDF) - Renesas Technology Corp

IDT77V011 Datasheet PDF - Renesas Technology Corp
Part # IDT77V011
Download  IDT77V011 Download
File Size   950.29 Kbytes
Page   44 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Data Path Interface (DPI) to Utopia Level 2 Translation Device

IDT77V011 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT77V011 Datasheet PDF - Renesas Technology Corp

Part # IDT77V011
Download  IDT77V011 Click to download

File Size   950.29 Kbytes
Page   44 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Data Path Interface (DPI) to Utopia Level 2 Translation Device

IDT77V011 Datasheet (HTML) - Renesas Technology Corp


IDT77V011 Product details

Features
 Single chip interface between multiple UTOPIA PHYs and a
single Data Path Interface (DPI).
 Ideal for xDSL DSLAM and 25Mbps switching applications.
 Supports ATM Forum UTOPIA Level 2 interface in both 8-bit
and 16-bit modes.
 Supports UTOPIA Level 2 Cell Level Handshake.
 Supports up to 31 PHYs on the UTOPIA Level 2 interface.
 Supports either 4-bit or 8-bit DPI interface.
 Supports cell sizes from 52 to 56 bytes on the DPI interface.
 Supports DPI operation up to 50MHz.
 Either Utility Bus or Parallel Manager Management interface
for configuring and reading status of PHY registers.
 In-Stream™ (In-band) programming for configuration of
device and management interface communications.
 TAG Routing for flexibility in routing cells.
 Single +3.3V ± 0.3V power supply required.
 Inputs are +5.0V tolerant.




Similar Part No. - IDT77V011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT77V011 ETC1-IDT77V011 Datasheet
742Kb / 43P
Data Path Interface to Utopia Level 2 Translation Device
IDT77V011L155DA ETC1-IDT77V011L155DA Datasheet
742Kb / 43P
Data Path Interface to Utopia Level 2 Translation Device
More results


Similar Description - IDT77V011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT77V011 ETC1-IDT77V011 Datasheet
742Kb / 43P
Data Path Interface to Utopia Level 2 Translation Device
IDT77V012 ETC1-IDT77V012 Datasheet
677Kb / 46P
Data Path Interface to UTOPIA Level 1 Header Translation Device
IDT77010 ETC1-IDT77010 Datasheet
141Kb / 21P
Data Path Interface to Utopia Level 1 Translation Device
logo
Actel Corporation
COREU1PHY-XX ACTEL-COREU1PHY-XX Datasheet
100Kb / 8P
CoreU1PHY - UTOPIA Level 1 PHY Interface
COREU1LL-XX ACTEL-COREU1LL-XX Datasheet
103Kb / 8P
CoreU1LL UTOPIA Level 1 Link-Layer Interface
MC-ACT-HDLC-NET ACTEL-MC-ACT-HDLC-NET Datasheet
276Kb / 5P
UTOPIA Level 3 PHY
logo
M/A-COM Technology Solu...
28236-BRF-001-A MA-COM-28236-BRF-001-A Datasheet
515Kb / 4P
OC-3 ATM SAR Controller with UTOPIA Level 2
28236-BRF-001-A MA-COM-28236-BRF-001-A_15 Datasheet
515Kb / 4P
OC-3 ATM SAR Controller with UTOPIA Level 2
logo
Renesas Technology Corp
IDT77010 RENESAS-IDT77010 Datasheet
301Kb / 22P
Data Path Interface (DPI) to Utopia Level 1 Translation Device
June 24, 2002
IDT77V012 RENESAS-IDT77V012 Datasheet
887Kb / 47P
Data Path Interface (DPI) to UTOPIA Level 1 Header Translation Device
March 26, 2001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com